Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345B Datasheet(PDF) 12 Page - ams AG

Part # AS1345B
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345B Datasheet(HTML) 12 Page - ams AG

Back Button AS1345B Datasheet HTML 8Page - ams AG AS1345B Datasheet HTML 9Page - ams AG AS1345B Datasheet HTML 10Page - ams AG AS1345B Datasheet HTML 11Page - ams AG AS1345B Datasheet HTML 12Page - ams AG AS1345B Datasheet HTML 13Page - ams AG AS1345B Datasheet HTML 14Page - ams AG AS1345B Datasheet HTML 15Page - ams AG AS1345B Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AS1345 – 12
ams Datasheet, Confidential: 2013-Nov [1-51]
T y pical Oper ating Char ac t e ristic s
Figure 14:
VOUT vs. IOUT; VIN = 2.7V, ILIMIT = 100mA
Figure 15:
VOUT vs. IOUT; VIN = 4.5V, ILIMIT = 100mA
10
11
12
13
14
15
16
17
18
19
20
0
2
4
6
8
1012141618
Output Current (mA)
- 40°C
+ 25°C
+ 85°C
10
11
12
13
14
15
16
17
18
19
20
0
2
4
6
8
10 12 14 16 18 20
Output Current (mA)
- 40°C
+ 25°C
+ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com