Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345B Datasheet(PDF) 15 Page - ams AG

Part # AS1345B
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345B Datasheet(HTML) 15 Page - ams AG

Back Button AS1345B Datasheet HTML 11Page - ams AG AS1345B Datasheet HTML 12Page - ams AG AS1345B Datasheet HTML 13Page - ams AG AS1345B Datasheet HTML 14Page - ams AG AS1345B Datasheet HTML 15Page - ams AG AS1345B Datasheet HTML 16Page - ams AG AS1345B Datasheet HTML 17Page - ams AG AS1345B Datasheet HTML 18Page - ams AG AS1345B Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 15
Detaile d Desc rip t ion
Shutdown
Drive EN low to enter shutdown mode. During shutdown the
supply current drops to 0.05μA (typ), the output is
dis-connected from the input, and LX enters a high impedance
state. The capacitance and load at the output set the rate at
which VOUT decays. EN can be pulled as high as 6V regardless
of the input and output voltages.
With a typical step-up converter circuit, the output remains
connected to the input through the inductor and output
rectifier, holding the output voltage to one diode drop below
VDD when the converter is shutdown and allowing the output
to draw power from the input.
The AS1345 features a True-Shutdown mode, disconnecting the
output from the input with an internal P-channel MOSFET
switch when shut down. This eliminates power draw from the
input during shutdown mode.
Start-up and Inrush Limiting
If the ENABLE pin is high, the AS1345 uses a multi-stage start-up
sequence. With increasing supply voltage, first the power-on
circuitry becomes active and some internal blocks are initiated.
If the supply exceeds the under-voltage-lockout threshold
(2.7V typ), the pre-charge-phase is initiated. The capacitor at
the SWOUT pin is charged to VIN, and the capacitor at VOUT is
charged to VIN-VSD. During this phase the current is limited to
100mA typical. After the completion of the pre-charge-phase,
the AS1345 enters into switching mode. Here the specified
current-limit IPEAK is used. The circuit operates at maximum
frequency until the desired VOUT is reached. Then AS1345
switches to normal hysteretic operation mode.
If the load current is too high (>50mA) during the
start-up-phase, the attainment of normal operation mode
might be delayed or not done at all.
Adjustable Output Voltage
The output voltage of the AS1345 is adjustable from 5.0V to 18V
by using a resistor voltage-divider (see Figure 18 and
Figure 19). Select R1 from 10k
Ω to 600kΩ and calculate R2 with
the following equation:
VOUT = VREF (1 + R2/R3)
(EQ1)
Where: VREF = 1.25V
VOUT can range from 5.0V to 18V
For best accuracy, ensure that the bias current through the
feedback resistors is at least 2μA.
The AS1345 can also be used with a fixed output voltage. When
using one of these parts, connect FB directly to the output
(see Figure 20 and Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com