Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3644 Datasheet(PDF) 21 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 21 Page - ams AG

Back Button AS3644 Datasheet HTML 16Page - ams AG AS3644 Datasheet HTML 17Page - ams AG AS3644 Datasheet HTML 18Page - ams AG AS3644 Datasheet HTML 19Page - ams AG AS3644 Datasheet HTML 20Page - ams AG AS3644 Datasheet HTML 21Page - ams AG AS3644 Datasheet HTML 22Page - ams AG AS3644 Datasheet HTML 23Page - ams AG AS3644 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
20 - 23
AS3644
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Application Self Testing Guideline
Using the in-build self testing features of the AS3644, the errors as shown in Figure 24 during the assembling and sol-
dering of the AS3644, can be detected - this simplifies and can reduce cost during manufacturing:
Figure 24. Self Testing - Detecting Assembling and Soldering Errors
The self testing procedure is simple:
1. Write 0x20 into register 0x03 (Control register) [Enable assist light with default 72mA].
2. Read back
4 register 0x03 - must return 0x20, otherwise LDCDC or I2C (SCL or SDA) is broken
3. Write 0x00 into register 0x03 [Power off]
4. Read register 0x04 (Fault register) - must return 0x00, otherwise the LED is open or shorted
See Table 14to identify the different possible soldering errors:
4. Alternative testing method: Instead of reading the internal registers, the current into the AS3644 can be
measured. During assist light mode, the supply current must increase by at least 60mA. If an error is
detected, the current source and the DCDC is automatically switched off - see Protection and Fault Detec-
tion Functions on page 10
Table 14. How-to identify errors
Error
Identified by
SCL or SDA broken
writing 0x20 to 0x03 and read back of register 0x03 does not return 0x20
LDCDC broken
writing 0x20 to 0x03 and read back of register 0x03 does not return 0x20 - see DCDC
Broken Coil Detection on page 11
Flash LED shorted
register fault_led_short (see page 17) is set
Flash LED open
register fault_ovp (see page 17) is set

 



 






!

AS3644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com