Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3644 Datasheet(PDF) 22 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 22 Page - ams AG

Back Button AS3644 Datasheet HTML 16Page - ams AG AS3644 Datasheet HTML 17Page - ams AG AS3644 Datasheet HTML 18Page - ams AG AS3644 Datasheet HTML 19Page - ams AG AS3644 Datasheet HTML 20Page - ams AG AS3644 Datasheet HTML 21Page - ams AG AS3644 Datasheet HTML 22Page - ams AG AS3644 Datasheet HTML 23Page - ams AG AS3644 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
21 - 23
AS3644
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
Figure 25. 6pin WL-CSP Marking
Note:
Line 1:
AS3644
Line 2:
<Code>
Encoded Datecode (4 characters)
Figure 26. 6pin WL-CSP Package Dimensions
The coplanarity of the balls is 40µm.
 

   

  
 

















  
  !
$% &
'%(
 
)
#
#
&
&


*
*
&
&


*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com