Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B1 Datasheet(PDF) 11 Page - ams AG

Part # AS3693B1
Description  16 Channel high precision LED driver for LCD Backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B1 Datasheet(HTML) 11 Page - ams AG

Back Button AS3693B1 Datasheet HTML 7Page - ams AG AS3693B1 Datasheet HTML 8Page - ams AG AS3693B1 Datasheet HTML 9Page - ams AG AS3693B1 Datasheet HTML 10Page - ams AG AS3693B1 Datasheet HTML 11Page - ams AG AS3693B1 Datasheet HTML 12Page - ams AG AS3693B1 Datasheet HTML 13Page - ams AG AS3693B1 Datasheet HTML 14Page - ams AG AS3693B1 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AS3693B1
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.26 / 2011-04-02
10 - 33
7
Block Description
7.1 Feedback Circuit
The AS3693B1 supports a flexible feedback selection for external DCDC – supplies. Beside the default setup for
RGGB lighting, each channel can be assigned to an external DCDC feedback loop. This feedback circuit is
important to reduce power dissipation of the device.
Table 6 – Feedback Control
Addr: 04h
Feedback control
Enables and Disables the Different Feedback modes
Bit
Bit Name
Default
Access
Description
0
Feedback on
1
R/W
1 = Feedback Circuit is active
0 = The entire Feedback Loop is disabled
1
Feedback on PWM
0
R/W
0 = The Feedback Regulator is always active
1 = The Feedback Regulator is only active, if PWM = 1
2
Open_Led_Det_on
0
R/W
Enables open Led Detection Comparators
0 = Open Led Detection Disabled
1 = Open Led Detection Enabled
3
Short_det_on
0
R/W
Enables Short detection
0 = Short detection off
1 = Sort detection on
5:4
VS_L
00
R/W
Short led Detection Voltage ( debounced 3mS )
Detection voltage is defined by Addr 0x58h bit[1:0] and
Addr 0x04 bit[5:4] and the DAC output voltage
Addr 0x58h
Addr 0x04h
bit]1] bit[0]
bit]5] bit[4]
CODE
0 0
0 0
= 3
0 0
0 1
= 5
0 0
1 0
= 0
0 0
1 1
= 1
0 1
0 0
= 6
0 1
0 1
= 7
0 1
1 0
= 2
0 1
1 1
= 4
1 0
0 0
= 10 do not use ( >11V)
1 0
0 1
= 11 do not use ( >11V)
1 0
1 0
= 8
1 0
11
=
9
do not use ( >11V)
The short led detection voltage can be calculated:
Vshort = 5*(0.6 + 0.2*CODE ) - 4*Vdac
The resulting voltage Vshort must be <= 11V
7:6
DCDC_Regulation_tri
p Point (VC)
00
R/W
Trip Point voltage of the DCDC-Feedback Regulation
Circuit. (NOTE: This value has to be adjusted if Analog
Ref select Bit is changed.)
00 = 0.5V (Note use for Currents up to 70 mA)
01 = 0.6V (Note use for Currents up to 80 mA)
10 = 0.8V (Note use for Currents up to 110 mA)
11 = 1.0V (Note use for Currents up to 150 mA)
Table 6a – Short Detect High
Addr: 58h
Short LED High
High bits of short led detection voltage
Bit
Bit Name
Default
Access
Description
1:0
VS_H
00
R/W
Short led Detection Voltage ( debounced 3mS )
Detection voltage is defined by Addr 0x58h bit[1:0] and
Addr 0x04 bit[5:4] ( see Addr. 0x04 definition )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com