Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B1 Datasheet(PDF) 21 Page - ams AG

Part # AS3693B1
Description  16 Channel high precision LED driver for LCD Backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B1 Datasheet(HTML) 21 Page - ams AG

Back Button AS3693B1 Datasheet HTML 17Page - ams AG AS3693B1 Datasheet HTML 18Page - ams AG AS3693B1 Datasheet HTML 19Page - ams AG AS3693B1 Datasheet HTML 20Page - ams AG AS3693B1 Datasheet HTML 21Page - ams AG AS3693B1 Datasheet HTML 22Page - ams AG AS3693B1 Datasheet HTML 23Page - ams AG AS3693B1 Datasheet HTML 24Page - ams AG AS3693B1 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AS3693B1
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.26 / 2011-04-02
20 - 33
7.7 Device address setup
The I2C and SPI – Device address can be set via PIN ADDR1 and ADDR2. The AS3693B1 offers 31 I2C or 32
SPI addresses, which can be set via external resistor. ADDR2 bit 2 decides if I2C or SPI interface is used.
Digital Registers
PWM - Generator
ADDR1
AS3693
Flexible 6- Bit Address Programming
with 2 external resistors.
Digital
6 Bit I2C ADDRESS
ADDR2
ADDR1
ADC
R1
R2
Table 13– Device Address
Device Adress Setup:
I2C ADDRESS
I2C ADDRESS Options
Bit
Bit Name
Default
Access
Description
2:0
Device ADDR1
000
R
Lower 3 bits of device address
000 open
Note: don’t use address 00h
001 320k
010 160k
011 80k
100 40k
101 20k
110 10k
111 0
5:3
Device ADDR2
000
R
Upper 3 bits of device address
000 open Note: activates I2C - mode
001 320k
Note: activates I2C - mode
010 160k
Note: activates I2C - mode
011 80k
Note: activates I2C - mode
100 40k
Note: activates SPI - mode
101 20k
Note: activates SPI - mode
110 10k
Note: activates SPI - mode
111 0
Note: activates SPI – mode
7.7.1 I2C Device Address setup
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0 (ADDR2<2>)
ADDR2<1>
ADDR2<0>
ADDR1<2>
ADDR1<1>
ADDR1<0>
R/W
7.7.2 SPI Device Address setup
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
1 (ADDR2<2>)
ADDR2<1>
ADDR2<0>
ADDR1<2>
ADDR1<1>
ADDR1<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com