Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695A Datasheet(PDF) 13 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 13 Page - ams AG

Back Button AS3695A Datasheet HTML 9Page - ams AG AS3695A Datasheet HTML 10Page - ams AG AS3695A Datasheet HTML 11Page - ams AG AS3695A Datasheet HTML 12Page - ams AG AS3695A Datasheet HTML 13Page - ams AG AS3695A Datasheet HTML 14Page - ams AG AS3695A Datasheet HTML 15Page - ams AG AS3695A Datasheet HTML 16Page - ams AG AS3695A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AS3695A
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
12 - 33
4.2.3 SPI data update, UPDATEmode bit
The PWM-settings that are programmed via the SPI-Interface take effect depending on the status of the
“UPDATEmode”-bit.
If UPDATEmode =1 new data from the serial interface are stored at the next rising edge of VSYNC
If UPDATEmode =0 new data from the serial interface are stored immediately after xCS goes high and
will take effect after current PWM cylce is finished. In this mode the values in the PWMxdel registers are
ignored. There will be no Delay on the PWM signals.
The PWMxHT-values are double buffered. HighTime values for the next VSYNC can be written even
when the current HighTime is not finished.
4.2.4 PWM direct control
The internal signals PWMx can also be direct applied at the VSYNC input if the bit PWMext=1.
4.2.5 VSYNC detect
The VSYNCdet=1 the VSYNC detector monitors the presence of a VSYNC signal. If If the VSYNC
signal is missing for more than 100ms the current outputs are temporary turned off.
4.2.6 VSYNC duration
Since the VSYNC input is connected to an edge detector, there is no restriction on the duration of the
VSYNC pulse.
4.2.7 Registers in PWM-generators
RegAddr: 0x11
PWMREV1
Bit
Name
Description
Default
Acc
ess
7:0
PWMrev
1 - 8
Selects PWM inverted operation for outputs 1 to 8
0...PWM normal
1... PWM inverted
00000000
r/w
RegAddr: 0x12
PWMREV2
Bit
Name
Description
Default
Acc
ess
7:0
PWMrev
9 - 16
Selects PWM inverted operation for outputs 9 to 16
0...PWM normal
1... PWM inverted
00000000
r/w
PWM-parameter update at third rising edge
VSYNC
clk
SCLK
SDI
xCS
PWM-parameter update. Takes effect after current PWM cycle has finished
If UPDATEmode = 0
If UPDATEmode = 1
No PW M update allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com