Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695A Datasheet(PDF) 21 Page - ams AG

Part # AS3695A
Description  16 channel white LED driver for LCD backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695A Datasheet(HTML) 21 Page - ams AG

Back Button AS3695A Datasheet HTML 17Page - ams AG AS3695A Datasheet HTML 18Page - ams AG AS3695A Datasheet HTML 19Page - ams AG AS3695A Datasheet HTML 20Page - ams AG AS3695A Datasheet HTML 21Page - ams AG AS3695A Datasheet HTML 22Page - ams AG AS3695A Datasheet HTML 23Page - ams AG AS3695A Datasheet HTML 24Page - ams AG AS3695A Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AS3695A
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 2010-12-8
20 - 33
4.6
Dynamic feedback control
The output of pins “FB1” and “FB2” can be used to control any external power supply for best power efficiency.
Every power supply senses its output voltage with a resistive voltage divider. This voltage divider can be modified
to set the output voltage between a minimum output voltage VMIN and a maximum output voltage VMAX. The
design of the dynamic feedback control is done in 3 steps.
Step 1: Set the resistors R1,R2 in the power supply according to the minimum output voltage
Step 2: Add the Resistors R3 in the power supply according to the maximum output voltage
||
||
Step 3: Connect R3 to the feedback pin “FB”.
C1 should be chosen according to the speed requirements of the feedback loop.
The characteristic of the feedback function can be seen in the following diagram. The final output voltage Vdcdc
is determined by the setting of “FBvoltage” and the current flowing into the FB pin.
R1
R2
SMPS
Vdcdc_MIN
sense
R1
R2
SMPS
Vdcdc_MAX
sense
R3
AS369x
R1
R2
SMPS
Vdcdc_MIN to Vdcdc_MAX
sense
R3
FB
1uF-10uF
Feedback speed
C1
Current
Into
FB-pin
200uA
Voltage CURRx
FBvoltage
-2mA/V
FBvoltage -0.1V
200R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com