Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3834 Datasheet(PDF) 8 Page - ams AG

Part # AS3834
Description  4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3834 Datasheet(HTML) 8 Page - ams AG

Back Button AS3834 Datasheet HTML 4Page - ams AG AS3834 Datasheet HTML 5Page - ams AG AS3834 Datasheet HTML 6Page - ams AG AS3834 Datasheet HTML 7Page - ams AG AS3834 Datasheet HTML 8Page - ams AG AS3834 Datasheet HTML 9Page - ams AG AS3834 Datasheet HTML 10Page - ams AG AS3834 Datasheet HTML 11Page - ams AG AS3834 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Revision 1.6
7 - 20
AS3834
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Boost controller driver
Rdriver
Driver resistance sink and source
pin GATE
4
6
8
Ω
Vdriver
GATE maximum output voltage
IGATE = 0mA
VDDM
V
tRISE_driver
GATE voltage rise time
VGATE = 0 to 3V, CLOAD = 3nF
15
25
50
ns
tFALL_driver
GATE voltage fall time
VGATE = 3 to 0V, CLOAD = 3nF
15
25
50
ns
Boost controller under voltage lockout
VUVLO
Under voltage lockout threshold
+1.28
+1.35
+1.42
V
IUVLO_Hyst
Under voltage lockout hysteresis
current
20
µ A
Digital pins
VIH
Logic high input threshold
+1.8
V
VIL
Logic low input threshold
+0.8
V
VOL
Logic low output level
PIN xFAULT open drain. I = -2mA
+0.3
V
RPU
Input resistance Pull-up inputs
300
k
Ω
RPD
Input resistance Pull-down inputs
300
k
Ω
Thermal protection
TOFF
Thermal shutdown threshold
140
°C
Thyst
Thermal shutdown hysteresis
30
°C
1. Is is not recommended to set ILED < 50mA in order to minimize influences of offset voltages.
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com