Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3834 Datasheet(PDF) 2 Page - ams AG

Part # AS3834
Description  4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3834 Datasheet(HTML) 2 Page - ams AG

  AS3834 Datasheet HTML 1Page - ams AG AS3834 Datasheet HTML 2Page - ams AG AS3834 Datasheet HTML 3Page - ams AG AS3834 Datasheet HTML 4Page - ams AG AS3834 Datasheet HTML 5Page - ams AG AS3834 Datasheet HTML 6Page - ams AG AS3834 Datasheet HTML 7Page - ams AG AS3834 Datasheet HTML 8Page - ams AG AS3834 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A S 3 8 3 4
4 c h a n n e l h i g h - p re c i s i o n L E D c o n t r o l l e r f o r 3 D - L C D b a c k l i g h t w i t h
i n t e g ra t e d s t e p - u p c o n t r o l l e r
www.austriamicrosystems.com/AS3834
Revision 1.6
1 - 20
D a t a s h e e t
1 General Description
The AS3834 is a 4 channel high precision LED controller with PWM
inputs for driving external bipolar transistors in LCD-backlight panels,
optimized for 2D and 3D operation.
The integrated step-up controller provides the necessary output
voltage for the LED string supply.
The SMPS feedback control optimizes the power efficiency by
adjusting the LED string supply voltage.
Build in safety features include under-voltage and thermal shutdown
as well as open and short LED detection.
2 Key Features
4 channel LED controller
Step-up controller optimized for 2D/3D mode
Supply voltage range: 12V to 50V
Figure 1. AS3834
Output current up to 270mA per channel
Absolute current accuracy +/- 0.8%
Channel to channel accuracy+/- 0.6%
4 separated PWM inputs
Open LED detection and disconnect
Short LED protection and auto-turnoff
Undervoltage shutdown
Temperature shutdown
Temperature supervision of external BJT
BJT Beta compensation
SMPS feedback control
DCDC Softstart Function
Over Voltage Protection (OVP)
Package SOIC-28, TQPF-32
Package
3 Applications
LED backlighting for 3D-LCD backlight TV sets and monitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com