Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955 Datasheet(PDF) 13 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 13 Page - ams AG

Back Button AS3955 Datasheet HTML 9Page - ams AG AS3955 Datasheet HTML 10Page - ams AG AS3955 Datasheet HTML 11Page - ams AG AS3955 Datasheet HTML 12Page - ams AG AS3955 Datasheet HTML 13Page - ams AG AS3955 Datasheet HTML 14Page - ams AG AS3955 Datasheet HTML 15Page - ams AG AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
ams Datasheet
Page 13
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Demodulator is used for communication NFC device to NFC
tag. It detects AM modulation of the NFC device magnetic field.
The demodulator is designed to accept modulation according
to NFC-A specifications ([NFC Analog] [NFC Digital]).
Clock Extractor extracts a digital clock signal from the PCD
carrier field frequency which is used as clock signal by logic
blocks.
HF_PON enables operation of the AFE and the logic when the
supply voltage is sufficiently high. A buffer capacitor and
HF_PON hysteresis guarantee that there is no reset during NFC
device modulation.
Internal Regulator provides regulated voltage VP_INT to the
AFE and in most cases also to EEPROM and logic blocks. Typical
regulated voltage VP_INT is 2.0V. A buffer capacitor is also
integrated.
External Regulator provides regulated voltage on external pin
VP_REG where it can be used to supply some external circuitry.
The regulated voltage and output resistance can be adjusted
using EEPROM settings. Appropriate external buffer capacitor
is needed in case VP_REG is used in the application. Current
which may be provided depends on reader field strength,
antenna size and Q factor, but it is limited to maximum 5mA.
Bias provides bias currents and reference voltages to AFE
analog blocks.
Power Management
AS3955 power management comprises of four different modes
to fit requirements of different applications. AS3955 supports
two power sources, whose activation depends on the selected
power mode.
Power Mode 0
In this power mode, the Power Manager is controlling the
supply of the PICC Logic, EEPROM and SPI / I²C Interface (VDD).
Its inputs are VP_INT (rectified and regulated supply extracted
from RF field) and the VP_IO (supplied by external battery).
In standby mode, when AS3955 is not in the RF field (the
condition is that rectified supply voltage is below HF_PON
threshold) and the SPI / I²C is not active (/SS is high), the VDD
supply is disconnected. The only current consumption in this
state is leakage on VP_IO, mainly due to level shifters and SPI /
I²C pins.
When AS3955 is placed in a RF field, VDD is connected to VP_INT.
This happens once the VP_INT level is above the HF_PON
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com