Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955 Datasheet(PDF) 21 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 21 Page - ams AG

Back Button AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG AS3955 Datasheet HTML 19Page - ams AG AS3955 Datasheet HTML 20Page - ams AG AS3955 Datasheet HTML 21Page - ams AG AS3955 Datasheet HTML 22Page - ams AG AS3955 Datasheet HTML 23Page - ams AG AS3955 Datasheet HTML 24Page - ams AG AS3955 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
ams Datasheet
Page 21
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Upon reception of a SLP_REQ command, SELECTED state is
exited and AS3955 transits to SLEEP state.
Any other command received when the device is in this state is
interpreted as an error and, depending on its previous state,
AS3955 returns to either SENSE or SLEEP state.
AUTHENTICATED State
In this state, all operations on memory blocks, which are
configured as password verification protected, can be
performed.
Upon reception of a SECTOR SELECT command, AS3955 returns
a NAK and transits to SENSE or SLEEP state, depending on its
previous state.
IUpon reception of a SLP_REQ command, AUTHENTICATED
state is exited and AS3955 transits to SLEEP state.
Any other command received when the device is in this state is
interpreted as an error and, depending on its previous state,
AS3955 returns to either SENSE state or SLEEP state.
NFC Forum Type 2 Tag Support
NFC Forum NFC-A commands ALL_REQ, SENS_REQ, SDD_REQ,
SEL_REQ, SLP_REQ are required for anti-collision. Commands
READ and WRITE are used for internal memory access. If NFC
device issues a SECTOR SELECT command, AS3955 shall always
reply with NAK.
Figure 18:
NFC-A vs ISO14443 Terminology
NFC-A Term
ISO14443 Term
States
SENSE
IDLE
SLEEP
HALT
RESOLUTION
READY
SELECTED
ACTIVE
Commands / Responses
SENS_REQ
REQA
ALL_REQ
WUPA
SENS_RES
ATQA
SSD_REQ
AC
SEL_REQ
SELECT
SLP_REQ
HLTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com