Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 31Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 32Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 33Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 34Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 35Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 36Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 37Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 38Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
LRCKDA
(Slave)
BCKDA
Left-JustifiedMode
DIN1
(Dual)
I SMode
2
DIN1
(Dual)
Left-JustifiedMode
DIN1/2
(Quad)
I SMode
2
DIN1/2
(Quad)
1/f (256BCKsatDualRate,128BCKsatQuadRate)
S
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
23 22
0
23 22
1
0
23 22
1 0
23 22
1 0
23 22
23 22
1 0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
23 22
0
23 22
1
0
1
0
1
0
23 22
23 22
1
0
23 22
23 22
Ch1
32BCKs
Ch2
32BCKs
Ch3
32BCKs
Ch4
32BCKs
Ch5
32BCKs
Ch6
32BCKs
Ch7
32BCKs
Ch8
32BCKs
Ch1/Ch5
32BCKs
Ch2/Ch6
32BCKs
Ch3/Ch7
32BCKs
Ch4/Ch8
32BCKs
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Figure 53. Audio Data Format: 24-Bit High-Speed TDM Format
(SCKI = 128 fS, 256 fS, DAC, and Slave Mode Only)
9.4.5 Synchronization With the Digital Audio System
The PCM3168A device operates under the system clock (SCKI) and the audio sampling rate (LRCKAD/DA).
Therefore, SCKI and LRCKAD/DA must have a specific relationship in slave mode. The PCM3168A device does
not need a specific phase relationship between the audio interface clocks (LRCKAD/DA, BCKAD/DA) and the
system clock (SCKI), but does require a specific frequency relationship (ratiometric) between LRCKAD/DA,
BCKAD/DA, and SCKI.
If the relationship between SCKI and LRCKDA changes more than ±2 BCKDA clocks because of jitter, sampling
frequency change, and so forth, the DAC internal operation halts within 1 / fS, and the analog output is forced into
VCOMDA (0.5 VCCDA1) until re-synchronization between SCKI, LRCKDA, and BCKDA is completed and then
tDACDLY3 passes. If the relationship between SCKI and LRCKAD changes more than ±2 BCKADs because of
jitter, sampling frequency change, and so forth, the ADC internal operation halts within 1 / fS, and the digital
output is forced into a 0 code until re-synchronization between SCKI, LRCKAD, and BCKAD is completed and
then tADCDLY3 passes. In the event the change is less than ±2 BCKAD/DAs, re-synchronization does not occur,
and this analog/digital output control and discontinuity do not occur.
Figure 7 shows the DAC analog output and ADC digital output for loss of synchronization. During undefined data
periods, some noise may be generated in the audio signal. Also, the transition of normal to undefined data and
undefined (or zero) data to normal data creates a discontinuity of data on the analog and digital outputs, which
then may generate some noise in the audio signal.
Both ADC outputs (DOUTx) and DAC outputs (VOUTx) hold the previous state if the system clock halts, but the
asynchronous and re-synchronization processes would occur after the system clock resumes. Figure 7 shows
DAC outputs and ADC outputs for loss of synchronization.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com