Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 3Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 4Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 5Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 6Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 7Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 8Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 9Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 10Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
VCCAD1
–0.3
6.5
VCCAD2
–0.3
6.5
VCCDA1
–0.3
6.5
Supply voltage
V
VCCDA2
–0.3
6.5
VDD1
–0.3
4
VDD2
–0.3
4
AGNDAD1
–0.1
0.1
AGNDAD2
–0.1
0.1
AGNDDA1
–0.1
0.1
Ground voltage differences
V
AGNDDA2
–0.1
0.1
DGND1
–0.1
0.1
DGND2
–0.1
0.1
VCCAD1
–0.1
0.1
VCCAD2
–0.1
0.1
VCCDA1
–0.1
0.1
Supply voltage differences
V
VCCDA2
–0.1
0.1
VDD1
–0.1
0.1
VDD2
–0.1
0.1
RST
–0.3
6.5
MS
–0.3
6.5
MC
–0.3
6.5
MDI
–0.3
6.5
SCK
–0.3
6.5
BCKAD/DA
–0.3
(VDD + 0.3) < +4.0
Digital input voltage
LRCKAD/DA
–0.3
(VDD + 0.3) < +4.0
V
DIN1/2/3/4
–0.3
(VDD + 0.3) < +4.0
DOUT1/2/3
–0.3
(VDD + 0.3) < +4.0
MODE
–0.3
(VDD + 0.3) < +4.0
OVF
–0.3
(VDD + 0.3) < +4.0
ZERO
–0.3
(VDD + 0.3) < +4.0
MDO
–0.3
(VDD + 0.3) < +4.0
VIN1-6±
–0.3
(VCC + 0.3) < +6.5
VCOMAD/DA
–0.3
(VCC + 0.3) < +6.5
Analog input voltage
V
VOUT1-8±
–0.3
(VCC + 0.3) < +6.5
VREFAD1/2
–0.3
(VCC + 0.3) < +6.5
Input current (all pins except supplies)
–10
10
mA
Ambient temperature range (under bias)
–40
125
°C
Junction temperature
150
°C
Lead temperature (soldering, 5s)
260
°C
Package temperature (IR reflow, peak)
260
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com