Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL900A Datasheet(PDF) 21 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 21 Page - ams AG

Back Button SL900A Datasheet HTML 17Page - ams AG SL900A Datasheet HTML 18Page - ams AG SL900A Datasheet HTML 19Page - ams AG SL900A Datasheet HTML 20Page - ams AG SL900A Datasheet HTML 21Page - ams AG SL900A Datasheet HTML 22Page - ams AG SL900A Datasheet HTML 23Page - ams AG SL900A Datasheet HTML 24Page - ams AG SL900A Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 21
S y st em D e scription
Temperature Conversion
The calibration data does not have to be included in the
temperature conversion equation. The temperature value
calculation is dependent on the selected voltage references
(See “Analog to Digital Conversion” on page 18.):
By default (factory setting), the voltage references are set: Vo1
= 0V, Vo2 = 310mV. This yields a theoretical temperature
conversion range of -89.3ºC ~ +94.6ºC. The temperature
conversion equation for this setting is:
When the reference voltages are set to some other value, the
following equation needs to be used for temperature
conversion:
The Vo1 and Vo2 in the above equation have to be in mV.
Battery Voltage Conversion
The battery voltage conversion is dependent on the initial
battery voltage (1.5V or 3V) and on the selected voltage
references (See “Analog to Digital Conversion” on page 18.). The
conversion equations with factory selected voltage references
(Vo1 = 0V, Vo2 = 310mV ) are:
For 1.5V battery, the equation is:
• V = code*0.85mV + 873mV
• LSB = 0.85mV
• Offset = 873mV
For 3V battery:
• V = code*1.65mV + 1.69V
• LSB = 1.65mV
• Offset = 1.69V
T
°C
()
⋅
code∗Resolution
Low temp limit
⋅⋅
–
=
T
°C
()
⋅
code∗0.18
°C 89.3°C
–
=
LSB
0.18
°C
=
Offset
89.3
–
()°C
=
T
°C
()
⋅
Vo2 mV
[] code 1024
+
() code Vo1 mV
[]
⋅
–
⋅
1024 1.686
⋅
------------------------------------------------------------------------------------------------------------------
273.15
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com