Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL900A Datasheet(PDF) 49 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 49 Page - ams AG

Back Button SL900A Datasheet HTML 45Page - ams AG SL900A Datasheet HTML 46Page - ams AG SL900A Datasheet HTML 47Page - ams AG SL900A Datasheet HTML 48Page - ams AG SL900A Datasheet HTML 49Page - ams AG SL900A Datasheet HTML 50Page - ams AG SL900A Datasheet HTML 51Page - ams AG SL900A Datasheet HTML 52Page - ams AG SL900A Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 49
SPI Dir e c t C o mmand s
Figure 40:
SPI Direct Commands
Command Code
Command
Comment
0x00
Reset command - same
effect as POR
All calibration registers are refreshed from the EEPROM
0x01
Get temperature
After SDATAO signal goes high send additional 16 clock
pulses for conversion data read-out
0x02
Get battery
After SDATAO signal goes high send additional 16 clock
pulses for conversion data read-out
0x03
Get Ext. sensor 1
After SDATAO signal goes high send additional 16 clock
pulses for conversion data read-out
0x04
Get Ext. sensor 2
After SDATAO signal goes high send additional 16 clock
pulses for conversion data read-out
0x05
Start Logging
Starts the timer or IRQ mode - generates the sta_log
pulse signal - the start time has to be written before with
the SPI Write mode
0x06
Stop Logging
Stops the timer or IRQ mode - generates the end_log
pulse signal
0x07
Read FIFO status
Read the FIFO status byte (8-bit)
0x08
Read Remaining shelf life
Reads the remaining shelf life (24-bit)
0x20
Read FIFO
Reads up to 8 bytes from the FIFO
0x21
Write FIFO
Writes up to 8 bytes to the FIFO
SPI Direct Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com