Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP30 Datasheet(PDF) 11 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 11 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 7Page - ams AG TDC-GP30 Datasheet HTML 8Page - ams AG TDC-GP30 Datasheet HTML 9Page - ams AG TDC-GP30 Datasheet HTML 10Page - ams AG TDC-GP30 Datasheet HTML 11Page - ams AG TDC-GP30 Datasheet HTML 12Page - ams AG TDC-GP30 Datasheet HTML 13Page - ams AG TDC-GP30 Datasheet HTML 14Page - ams AG TDC-GP30 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
Ultrasonic Flow Converter
Vol. 1
TDC-GP30
2-2
www.acam.de
DB_GP30Y_Vol1_en.docx V0.0
Table 2-3 DC Characteristics (Vio = Vcc = 3.0 V, Tj = -40 to +85°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IStandby
Current only 32 kHz, Standby
mode
Icc + Iio, only 32 kHz
oscillator running
2.1
µA
Ihs
Current 4 MHz oscillator
Vcc = Vio = 3.6 V
= 3.0 V
off
80
65
< 1
µA
µA
nA
Itmu
Current into time measuring
unit including analog frontend
Only during active TOF
time measurement
1.3
mA
Iddq
Quiescent current GP30
all clocks off, @ 25 °C
1.8V LDO running
1.9
µA
Iddqc
Quiescent current 1.8V digital
core
all clocks off
0.08
µA
Io
Operating current
incl. CPU processing current
TOF_UP+DOWN, 1/s
0.7
µA
Voh
High level output voltage
Ioh= 4 mA, Vout=Min.
Vcc - 0.4
V
Vol
Low level output voltage
Iol = 4 mA, Vout=Min
0.4
V
Vih
High level input voltage*
Vio = Min.
0.7* Vcc
V
Vil
Low level input voltage*
Vio = Max.
0.3*Vcc
V
*A digital input voltage other than Vcc or GND increases leakage current
Note: See also section 0 for more information about the current consumption
Table 2-4 Terminal Capacitance
Symbol
Terminal
Condition
Rated Value
Unit
Min.
Typ.
Max.
Ci
Digital input
measured @ Vcc = Vio,
f = 1 MHz,
Ta = 25°C
7
pF
Co
Digital output
7
Cio
Bidirectional
7
PT ports
t.b.d.
Analog in
t.b.d.
Table 2-5 Analog Frontend
Symbol
Terminal
Condition
Rated Value
Unit
Min.
Typ.
Max.
Comparator input offset voltage
(chopper stabilized)
< 1.6mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com