Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GP30 Datasheet(PDF) 21 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 21 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 17Page - ams AG TDC-GP30 Datasheet HTML 18Page - ams AG TDC-GP30 Datasheet HTML 19Page - ams AG TDC-GP30 Datasheet HTML 20Page - ams AG TDC-GP30 Datasheet HTML 21Page - ams AG TDC-GP30 Datasheet HTML 22Page - ams AG TDC-GP30 Datasheet HTML 23Page - ams AG TDC-GP30 Datasheet HTML 24Page - ams AG TDC-GP30 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Ultrasonic Flow Converter
Vol. 1
TDC-GP30
3-12
www.acam.de
DB_GP30Y_Vol1_en.docx V0.0
3.1.1
Measurement Sequence
The GP30 measure rate generator and task sequencer fully control the entire measurement
sequence. The GP30 can be the master in the system which triggers the measurements
autonomously, does the data processing and wakes up an external microcontroller if necessary ( flow
meter mode, self-controlled). Alternatively, the GP30 can act as a pure converter that controls the
measurement but without any data processing (time conversion mode, self-controlled). For
debugging, individual tasks can also be triggered remotely by an external microcontroller.
Table 3-1 Operating modes
Operating Mode
Measure Rate
Generation
Application Setup
Post Processing
Flow meter mode (self-controlled)
by GP30
by GP30
by GP30
Time conversion mode (self-
controlled)
per Remote
per Remote
Time conversion mode (remote
controlled)
per Remote
only for test or debug purpose
only for test or debug purpose
The various functional blocks of the TDC-GP30 are controlled by hard-wired control registers and
system handling registers in the random access memory (RAA). For self -controlled applications
those can be stored in the firmware data section FWD2 of the RAA. From there the data is copied
into the direct mapped registers during a boot sequence. The various configuration registers and
system handling registers are described in detail in section 7. The variable names are formatted in
bold in this document for better reading.
In low power mode, the GP30 generally needs a 32.768 kHz oscillator to act as a continuously
running clock (LSO). For time measurement the GP30 typically uses a 4 MHz ceramic oscillator
which is activated only for the short period of the measurement. In the same manner, the comparator
and other analog elements are powered only for the short period of the measurement.
The low-frequency clock LSO is used as
Base for the task sequencer cycle
Base for the pulse interface
Base for the time stamp
Base for an initial UART baud rate of 4.800 baud
The tasks themselves can be grouped as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com