Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECLIPSE Datasheet(PDF) 2 Page - Advanced Power Technology

Part # ECLIPSE
Description  direct fiber winding temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ECLIPSE Datasheet(HTML) 2 Page - Advanced Power Technology

  ECLIPSE Datasheet HTML 1Page - Advanced Power Technology ECLIPSE Datasheet HTML 2Page - Advanced Power Technology ECLIPSE Datasheet HTML 3Page - Advanced Power Technology ECLIPSE Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECLIPSE
A Complete Monitoring
Platform
Patented
Dual-Algorithm LTC Condition MonitoringTM
Up to
8 Analog Inputs
Up to
45 Digital Inputs
Patented
Sensorless LTC Position MonitoringTM
Monitor With
Flexibility
Patented
Load Pickup CoolingTM
Ethernet Communications
Up to
12 Aux CT Inputs
8 Relay Outputs
Built-In Annunciator
Up to
8 Direct Fiber Winding Inputs
User Programmable Names & Targets
Events Log with User Selected Events
Time Synchronization via DNP
GIC Detection & Mitigation
Quantifiable Detection of Core Saturation
3 Levels of Alarm: Minor, Major, & Critical
Large Split-Core Hall-Effect Sensor
- Accommodates up to a 4 inch bus bar
U.S. & Foreign Patents Pending
QuickMathTM
QuickMathTM
allows you to take full control of your mon-
itoring through easily programmable logic.
- Math
Functions: +, - , x, ÷, ex, ln x, yx, x2, √, 1/x, ( )
- Perform Comparisons: =, >, <, ≥, ≤, ≠
- Program Your Own Condition-Based Assessment
Criteria Including
Loss of Life.
-
Automatic LTC Voltage Control
-
Create Your Own Set Points
- Up to
16 User Equations
- Up to
32 Comparison Evaluations
- Include the Following
Directly into QuickMath:
Liquid and Winding Temperatures
Analog Inputs
Aux
CT Inputs
Constants
Test Mode
Interactively test set points using
temperature and current ramps
Event and Data Logging
Data Concentrator
Collect data around your transformer
for use in QuickMathTM equations,
or simply communicate it back to SCADA
TM
E-mail Notifications
Receive e-mail notifications for
user-customizable events
Up to
4 Temperature Probes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com