Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECLIPSE Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ECLIPSE
Description  direct fiber winding temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ECLIPSE Datasheet(HTML) 4 Page - Advanced Power Technology

  ECLIPSE Datasheet HTML 1Page - Advanced Power Technology ECLIPSE Datasheet HTML 2Page - Advanced Power Technology ECLIPSE Datasheet HTML 3Page - Advanced Power Technology ECLIPSE Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Additional Specifications
Enclosure & Dimensions: 8.028 W x 4.882 H x 6.40 D Alodyne Aluminum
Front Panel Dimensions: 8.378 W x 5.686 H
Power Supply Input Operating Range: 38 VDC to 290 VDC or 120 VAC +/- 10%, 10 Watts Max
Operating Temperature Range: -50 °C to +85 °C, 95% Relative Humidity (non condensing)
Temperature Measurement Accuracy: Avg error over entire measurement range ± 1 °C. Absolute error at any temperature ± 1.5 °C for
temperatures within the range of 23°C - 160°C. Below 23 ˚C the error is ± 3.5 °C.
Output Contact Rating: 30 amps make for 250 msec, 8 amps continuous at 250VAC.
Optically Isolated Inputs: Operates from 38 to 290 VDC or 24 VAC to 260 VAC. External wetting voltage required.
Alarm Contact Rating: 0.4 amp continuous at 290 VDC (NEMA), 0.15 amp continuous at 290 VDC (Panel)
Analog Output: Selectable, 0 to 1 mA or 4 to 20 mA. Maximum load 10,000 Ohms (0 to 1mA), 510 Ohms (4 to 20 mA).
Analog Input: 0 to10 VDC or -5 to +5 VDC, Accuracy +/- 1%
Auxiliary CT Inputs: 0 to 50 Amps RMS ± 3.5 % of full scale, High-Speed Channels can derive up to the 8th Harmonic
Communications Interfaces: Front Panel Mounted RS-232 DB-9 Null Modem Interface
Ethernet: 10/100 Base-T metallic interface with transformer isolation of 1,500 Volts AC RMS in accordance with IEEE/ANSI 802.3
Current Measurement Range: 0 to 50 A
www.AdvPowerTech.com
215 State Route 10, Building 2
Randolph, NJ 07869
Phone: (973) 328-3300
Fax: (973) 328-0666
Surge Withstand/Fast Transient: Relay outputs and station battery inputs: ANSI C37.90.1
EMI Withstand: ANSI C37.90.2
Electrostatic Discharge: IEC 801-2
Rev. 20150
930 Copyright 2015 Advanced Power Technologies, LLC
U.S. Patent No.: 6222714, 6714022, 7323852, 7417411, 8260472, 8274769, 9018962 and Patents Pending



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com