Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM2AMM6HT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TM2AMM6HT
Description  analog input/output module M238 - 4 inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TM2AMM6HT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TM2AMM6HT Datasheet HTML 1Page - List of Unclassifed Manufacturers TM2AMM6HT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Output error
+/- 1 %FS
Output ripple
<= 1 LSB
Total error
+/-1 %FS voltage voltage
+/-1 %FS current current
+/- 1.5 %FS voltage
+/- 1.5 %FS current
Type of cable
Shielded cable
Insulation between channel and internal logic
Photocoupler
Supply
External supply
[Us] rated supply voltage
24 V DC
Supply voltage limits
19.2...30 V
Electrical connection
1 removable screw terminal block
Current consumption
80 mA 24 V DC external
60 mA 5 V DC internal
Product weight
0.19 lb(US) (0.085 kg)
Environment
Dielectric strength
800 V between the I/O and internal logic
800 V between I/O channel
1500 V between the I/O and the external supply circuit
Width
0.93 in (23.5 mm)
Depth
2.76 in (70 mm)
Height
3.54 in (90 mm)
Ordering and shipping details
Category
22531 - PLCS, TWIDO, TWD
Discount Schedule
PC12
GTIN
00785901645092
Nbr. of units in pkg.
1
Package weight(Lbs)
0.38
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS
Compliant - since 0910 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental
Product end of life instructions
Available
Download End Of Life Manual
Contractual warranty
Period
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com