Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM2AMM6HT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TM2AMM6HT
Description  analog input/output module M238 - 4 inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TM2AMM6HT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TM2AMM6HT Datasheet HTML 1Page - List of Unclassifed Manufacturers TM2AMM6HT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
May 29, 2013
1
Product data sheet
Characteristics
TM2AMM6HT
analog input/output module M238 - 4 inputs
voltage/current high level - 2 output
Product availability: Stock - Normally stocked in distribution facility
Price*: 483.00 USD
Main
Commercial Status
Commercialised
Range of product
Modicon M238 logic controller
Product or component
type
Input/Output analog module
Analogue input number
4
Input level
High level
Analogue input type
Voltage 0...10 V non differential
Current 4...20 mA non differential
Analogue output
number
2
Analogue output type
Voltage 0...10 V
Current 4...20 mA
Cross talk
<= 2 LSB
Complementary
Range compatibility
Advantys OTB
Twido
Analogue input resolution
12 bits
Analogue output resolution
12 bits
LSB value
4 µA current current
2.5 mV voltage voltage
Permissible continuous overload
40 mA current
13 V voltage
Input impedance
<= 250 MOhm current
>= 1 Ohm voltage
Load type
Resistive
Load impedance ohmic
>= 2000 Ohm voltage
<= 300 Ohm current
Stabilisation time
20 ms
Conversion time
20 ms + 1 controller cycle time
Sampling duration
<= 16 ms
Acquisition period
16 ms per channel + 1 controller cycle time
Measurement error
+/- 0.9 % of full scale 4...20 mA 25 °C
+/- 0.9 % of full scale 0...10 V 25 °C
+/- 0.5 % of full scale 4...20 mA 25 °C
+/- 0.5 % of full scale 0...10 V 25 °C
Temperature coefficient
+/-0.015 %FS/°C 4...20 mA 4...20 mA
+/-0.015 %FS/°C 0...10 V 0...10 V
+/- 0.02 %FS/°C 4...20 mA
+/- 0.02 %FS/°C 0...10 V
Repeat accuracy
+/-0.5 %FS input
+/- 1 %FS output
Non-linearity
+/- 0.5 %FS voltage
+/- 0.5 %FS current
+/- 0.4 %FS voltage
+/- 0.4 %FS current


Similar Part No. - TM2AMM6HT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM2AMI2LT SCHNEIDER-TM2AMI2LT Datasheet
123Kb / 5P
analog input module M238 - 2 inputs thermocouple low level - differential
Aug 10, 2019
More results

Similar Description - TM2AMM6HT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
logo
Schneider Electric
TM2DDI16DT SCHNEIDER-TM2DDI16DT Datasheet
123Kb / 5P
discrete input module M238 - 16 inputs 24V DC - 1 removable screw terminal block
Aug 11, 2019
TM3AI4 SCHNEIDER-TM3AI4 Datasheet
138Kb / 5P
module TM3 - 4 analog inputs
Aug 11, 2019
TM2AMI2LT SCHNEIDER-TM2AMI2LT Datasheet
123Kb / 5P
analog input module M238 - 2 inputs thermocouple low level - differential
Aug 10, 2019
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
TM3AM6G SCHNEIDER-TM3AM6G_V01 Datasheet
198Kb / 8P
Input/output analog module, Modicon TM3, 4 inputs, 2 output (spring) 24 VDC
Apr 4, 2022
TM3AM6 SCHNEIDER-TM3AM6_V01 Datasheet
202Kb / 8P
Input/output analog module, Modicon TM3, 4 inputs, 2 output (screw) 24 VDC
Apr 4, 2022
BMXAMI0410 SCHNEIDER-BMXAMI0410 Datasheet
154Kb / 5P
isolated analog input module X80 - 4 inputs - high speed
Apr 18, 2022
BMXART0414 SCHNEIDER-BMXART0414 Datasheet
218Kb / 6P
analog input module X80 - 4 inputs - temperature
Apr 18, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com