Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R421-M101 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23832-R421-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R421-M101 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23832-R421-M101 Datasheet HTML 5Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Description
Data Sheet
9
2003-11-19
Receiver V23832-R421-M101
The PAROLI receiver module converts parallel optical input signals into parallel electrical
output signals. The optical signals received are converted into voltage signals by PIN
diodes, trans impedance amplifiers, and gain amplifiers. There are two different modules
available, one for LVDS and one for CML output. This description only refers to a module
with LVDS output. A module description for Infineon’s adjustable CML output can be
provided separately.
The data rate is up to 2700 Mbit/s for each channel. The receiver module’s min. data rate
of 500 Mbit/s is specified for the CID
1) worst case pattern (disparity 72) or any pattern
with a lower disparity.
Additional Signal Detect outputs (SD1 active high / –SD12 active low) show whether an
optical AC input signal is present at data input 1 and/or 12. The signal detect circuit can
be disabled with a logic low at ENSD. The disabled signal detect circuit will permanently
generate an active level at Signal Detect outputs, even if there is insufficient signal input.
This could be used for test purposes.
A logic low at LVDS Output Enable (OEN) sets all data outputs to logic low. SD outputs
will not be effected.
All non data signals have LVCMOS levels. Transmission delay of the PAROLI system is
at a maximum 1 ns for the transmitter, 1 ns for the receiver and approximately 5 ns per
meter for the fiber optic cable.
Figure 5
Receiver Block Diagram
1)
Consecutive Identical Digit (CID) immunity test pattern for STM-N signals,
ITU-T recommendation G.957 sec. II.
Pin
Diode
Array
LVDS
Output
Stage
12
12
Data Out
Data
Optical
Input
Electrical
Output
12
Gain
Amplifier
Signal
Detect
Circuit
12
Amplifier
Output Enable (OEN)
ENSD
SD1
−SD12
File: 3333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com