Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R421-M101 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # V23832-R421-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R421-M101 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button V23832-R421-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 20Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 22Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 23Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 24Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 25Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Technical Data
Data Sheet
22
2003-11-19
15)
The DJ consists of Duty Cycle Distortion and Data Dependent Jitter and is measured according to IEEE 802.3
using a K28.5 pattern.
16)
With input channel-to-channel skew 0 ps.
Receiver Electro-Optical Characteristics
Parameter
Symbol
Values
Unit
min.
max.
Data Rate Per Channel
DR
500
1)
1)
Specified for CID worst case pattern (disparity 72) or any pattern with a smaller disparity. The minimum data
rate depends on the disparity of the used data pattern. For example, a regular clock signal (1-0 sequence) can
be received down to a data rate as low as 6 Mbit/s.
2700
Mbit/s
Sensitivity (Average Power)
2)
2)
Sensitivity is measured for BER = 10
–12 with a Pseudo Random Bit sequence of length 223–1 (PRBS23) and a
test pattern source with RIN of –117 dB/Hz or better. Sensitivity is specified for the worst case extinction ratio
and maximum cross talk possibility. The maximum crosstalk possibility is defined as the “victim” receiver
channel operating at its sensitivity limit and the neighboring channels operating at 6 dB higher incident optical
power.
P
IN
–16.0
dBm
Optical Modulation Amplitude
3)
3)
Peak to peak value.
OMA
0.030
4)
4)
Corresponds to a maximum sensitivity (average power) of –16.0 dBm at an extinction ratio of 6 dB.
mW
Saturation (Average Power)
5)
5)
Saturation is specified with a Pseudo Random Bit sequence of length 2
23–1 (PRBS23) and ER
≥ 6dB.
P
SAT
–2.0
dBm
Signal Detect Assert Level
6)
6)
P
SDA: Average optical power when SD switches from inactive to active.
P
SDD: Average optical power when SD switches from active to inactive.
P
SDA
–17.0
dBm
Signal Detect Deassert Level
6)
P
SDD
–27.0
dBm
Signal Detect Hysteresis
6)
P
SDA
–
P
SDD
1.0
4.0
dB
Return Loss of Receiver
7)
7)
Return loss is specified as the ration of the received optical power to the reflected optical power back into the
link fiber.
ORL
12
dB
Electro-optical parameters valid for each channel and measured at the highest specified data rate.
All optical parameters are measured with a 62.5 µm multimode fiber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com