Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R511-M101 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23832-R511-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R511-M101 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23832-R511-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Description
Data Sheet
10
2003-11-19
Regulatory Compliance
The following table shows industry standard test methods and results obtained from the
indicated test methods. (The overall system design will affect the electromagnetic
interference (EMI), electrostatic discharge (ESD) and immunity).
EMI Recommendations
EMI behavior of each PAROLI module revision is evaluated and measured - in order to
ensure a good and sufficient EMI performance of all PAROLI modules. As the total EMI
performance will also depend on system design and to avoid electromagnetic radiation
exceeding the required limits set by the standards, please take note of the following
recommendations.
Feature
Standard
Comments
ESD:
Electrostatic Discharge
to the Electrical Pins
(HBM)
JEDEC Human Body
Model (HBM) Test
Method
EIA/JESD22-A114-B
(MIL-STD 883D
method 3015.7)
Class 1C
Immunity:
Against Electrostatic
Discharge (ESD) to the
Module Receptacle
EN 61000-4-2
IEC 61000-4-2
Discharges ranging from
±2kV to
±15 kV on the front end/face-plate/
receptacle cause no damage to
module (under recommended
mounting conditions).
Immunity:
Against Radio
Frequency
Electromagnetic Field
EN 61000-4-3
IEC 61000-4-3
With a field strength of 3 V/m, noise
frequency ranges from 10 MHz to
2GHz
1). No effect on module
performance between the
specification limits.
1)
This test covers high frequency bands of mobile phones.
Emission:
Electromagnetic
Interference (EMI)
FCC 47 CFR Part 15,
Class B
EN 55022 Class B
CISPR 22
Noise frequency range:
30 MHz to 18 GHz;
Radiated Emission does not exceed
specified limits when measured
inside a shielding enclosure with
recommended cutout dimensions.
Typically pass with > 11 dB margin
to the limit (under recommended
mounting conditions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com