Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R511-M101 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # V23832-R511-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R511-M101 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button V23832-R511-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 15Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R511-M101 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Technical Data
Data Sheet
14
2003-11-19
Technical Data
Absolute Maximum Ratings
Stress beyond the values stated below may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods of time may affect
device reliability. Performance between absolute maximum ratings and recommended
operating conditions is not guaranteed.
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply Voltage
V
CCVEE
–0.3
4.5
V
Data/Control Input Levels
1)
1)
At Data and LVCMOS inputs.
V
IN
–0.5
V
CC+0.5
V
Data Input Differential Voltage
2)
2)
|V
ID| = |(input voltage of non-inverted input minus input voltage of inverted input)|.
|V
ID|
2.0
V
Operating Case Temperature
3)
3)
Measured at case temperature reference point (see Figure 15 on Page 28).
T
case
090
°C
Storage Ambient Temperature
T
stg
–40
100
°C
Relative Humidity (non condensing)
5
95
%
ESD Resistance
(all pins to
V
EE, human body model)
4)
(see table “Regulatory Compliance” on
Page 10)
4)
To avoid electrostatic damage, handling cautions similar to those used for MOS devices must be observed.
1kV
Recommended Operating Conditions
1)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Transmitter
Operating Case Temperature
T
case
045
80
°C
Power Supply Voltage
V
CC
3.135
3.3
3.6
V
Noise on Power Supply
2)
N
PS
200
mV
Data Input Voltage Range
(DC-coupled)
3), 4)
V
DATAI
500
V
CC
mV
Data Input Differential Voltage
(DC- or AC-coupled)
4), 5)
|V
ID|
80
1000
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com