Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R111-M101 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # V23832-R111-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R111-M101 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button V23832-R111-M101 Datasheet HTML 9Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 10Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 15Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Laser Eye Safety
Data Sheet
13
2003-11-19
Laser Eye Safety Measurement Conditions
Laser Data
Symbol
Values
Unit
Condition
min.
typ.
max.
Center wavelength
λ
C
830
850
860
nm
T
case 0...80°C
Array size
12
channels
Divergence angle/
Numerical
Aperture
Θ/NA
44/0.22
°/rad
Θ full /
NA half angle
IEC class 1M
Accessible
Emission Limit
AEL
6.36
dBm
7 mm aperture
@ 100 mm
distance
Applying penalties
(safety margin)
∆P
opt
4.2
dB
Test limit
2.16
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com