Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R111-M101 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # V23832-R111-M101
Description  PAROLI 2 Tx AC, 2.7 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R111-M101 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button V23832-R111-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 15Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 20Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R111-M101 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
V23832-T2431-M101
V23832-R421-M101
Technical Data
Data Sheet
18
2003-11-19
The electro-optical characteristics described in the following tables are valid only for use
under the recommended operating conditions.
Transmitter Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Supply Current
1)
1)
Measured at the recommended case temperature of
T
case =45°C. For Tcase = 0°C a decrease of approximately
10% and for
T
case = 80°C an increase of approximately 15% can be expected.
I
CC
400
450
mA
Power Consumption
1)
P
1.3
1.6
W
Data Rate per Channel
DR
500
2)
2)
Specified for CID worst case pattern (disparity 72) or any pattern with a smaller disparity. The minimum data
rate depends on the disparity of the used data pattern. For example, a regular clock signal (1-0 sequence) can
be transmitted down to a data rate as low as 1 Mbit/s.
2700
Mbit/s
LVCMOS Output Voltage Low
V
LVCMOSOL
0.4
V
LVCMOS Output Voltage High
V
LVCMOSOH
2.5
V
LVCMOS Input Current
High/Low
I
LVCMOSI
–100
100
µA
LVCMOS Output Current High
3)
3)
Source current.
I
LVCMOSOH
0.5
mA
LVCMOS Output Current Low
4)
4)
Sink current.
I
LVCMOSOL
4.0
mA
Data Differential
Input Impedance
5)
5)
Data input stage.
R
IN
80
100
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com