Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R321-M101 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # V23832-R321-M101
Description  PAROLI 2 Tx AC, 1.25 Gbit/s
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R321-M101 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button V23832-R321-M101 Datasheet HTML 11Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 15Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
V23832-T2531-M101
V23832-R511-M101
Technical Data
Data Sheet
15
2003-11-19
Recommended Operating Conditions
1)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Transmitter
Operating Case Temperature
T
case
045
80
°C
Power Supply Voltage
V
CC
3.135
3.3
3.6
V
Noise on Power Supply
2)
N
PS
200
mV
Data Input Voltage Range
(DC-coupled)
3), 4)
V
DATAI
500
V
CC
mV
Data Input Differential Voltage
(DC- or AC-coupled)
4), 5)
|V
ID|
80
1000
mV
Data Input Skew
6)
t
SPN
0.5 x
t
R-DI,
t
F-DI
ps
Data Input Rise/Fall Time
7)
t
R-DI, tF-DI
50
360
ps
LVCMOS Input High Voltage
V
LVCMOSIH
2.0
V
CC
V
LVCMOS Input Low Voltage
V
LVCMOSIL
V
EE
0.8
V
LVCMOS Input Rise/Fall Time
8)
t
R-LVCMOSI,
t
F-LVCMOSI
20
ns
Receiver
Power Supply Voltages
V
CC, VCCO
3.0
3.3
3.6
V
Noise on Power Supply
2)
N
PS
200
mV
Output Current
9)
I
out
39
mA
Output Voltage (DC-coupled)
10)
V
out
V
CCO–1.8
V
CCO+0.5
V
Output Differential Voltage
(DC- or AC-coupled)
10), 11)
|V
OD|
80
800
mV
Output Load RC Time Constant
t
RC
150
ps
LVCMOS Input High Voltage
V
LVCMOSIH
2.0
V
CC
V
LVCMOS Input Low Voltage
V
LVCMOSIL
V
EE
0.8
V
LVCMOS Input Rise/Fall Time
8)
t
R-LVCMOSI,
t
F-LVCMOSI
20
ns
Optical Input Rise/Fall Time
12)
t
R-OI, tF-OI
400
ps
Input Extinction Ratio
ER
6.0
dB
Input Center Wavelength
λ
C
830
860
nm
Voltages refer to
V
EE = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com