Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R321-M101 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # V23832-R321-M101
Description  PAROLI 2 Tx AC, 1.25 Gbit/s
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R321-M101 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button V23832-R321-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 20Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 22Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 23Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 24Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 25Page - Infineon Technologies AG V23832-R321-M101 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
V23832-T2531-M101
V23832-R511-M101
Technical Data
Data Sheet
22
2003-11-19
Receiver Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Supply Current
1)
I
CC
170
+15
I
out
200
+15
I
out
mA
Power Consumption
1), 2)
P
0.7
0.9
W
Data Output Rise/Fall Time
3)
t
R-DO,
t
F-DO
250
ps
LVCMOS Output Voltage Low
V
LVCMOSOL
400
mV
LVCMOS Output Voltage High
V
LVCMOSOH
2500
mV
LVCMOS Input Current
High/Low
I
LVCMOSI
–100
100
µA
LVCMOS Output Current High
4)
I
LVCMOSOH
0.5
mA
LVCMOS Output Current Low
5)
I
LVCMOSOL
4.0
mA
Total Jitter
6), 7), 8), 9), 10)
TJ
0.33
UI
Deterministic Jitter
6), 9), 11)
DJ
0.08
UI
Channel-to-channel skew
12)
t
CSK
100
ps
1)
Typical value is measured at
T
case = 45°C and 3.3 V, maximum value is measured at Tcase = 80°C and 3.6 V.
2)
Calculated for
I
out = 3 mA.
3)
Measured between 20% and 80% level. Maximum value is related to a maximum RC load time constant of
t
RC = 150 ps.
4)
Source current.
5)
Sink current.
6)
With no optical input jitter.
7)
Measured with an optical input power of 3 dB above minimum receiver sensitivity.
8)
Unused channels shall be terminated by 50
Ω.
9)
UI (Unit Interval) is equal to the length of one bit. For example, 2.72 Gbit/s corresponds to 368 ps.
10)
The Total Jitter (TJ) is the sum from Random Jitter (RJ) and Deterministic Jitter (DJ) according to:
TJ = RJ (14 Sigma value) + DJ.
The TJ is specified at a BER of 10
–12 from TP3 to TP4 according to IEEE 802.3, sec. 38.5.
The RJ is measured at the 50% level of the optical signal as the mean of the rising and falling edge RJ
measurement value.
11)
The DJ consists of Duty Cycle Distortion and Data Dependent Jitter and is measured according to IEEE 802.3
using a K28.5 pattern.
12)
With input channel-to-channel skew 0 ps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com