Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4370 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP4370
Description  DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4370 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP4370 Datasheet HTML 1Page - Diodes Incorporated AP4370 Datasheet HTML 2Page - Diodes Incorporated AP4370 Datasheet HTML 3Page - Diodes Incorporated AP4370 Datasheet HTML 4Page - Diodes Incorporated AP4370 Datasheet HTML 5Page - Diodes Incorporated AP4370 Datasheet HTML 6Page - Diodes Incorporated AP4370 Datasheet HTML 7Page - Diodes Incorporated AP4370 Datasheet HTML 8Page - Diodes Incorporated AP4370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP4370
Document number: DS37242 Rev. 3 - 2
2 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP4370
Pin Descriptions
Pin Number
Pin Name
Function
1
D+
USB D+ Input
2
GND
Ground Return
3
D-
USB D- Input
4
VCC
IC Supply Voltage, connected to a ceramic cap.
5
V2
Decoder Output2, used as input of constant voltage/constant current controller
6
V1
Decoder Output1, used as input of constant voltage/constant current controller
Functional Block Diagram
Decoder
Logic
Regulator
&
Reference
VCC
D+
D-
GND
V1
V2
VDD
VDAT_REF, VSEL_REF
POWER_OK
Encoder
& Timing
Control
CLK &
Timer
5V
9V
12V
RDM_DWM
VDAT_REF
VSEL_REF
VDAT_REF
VSEL_REF
RDAT_LKG
SV1
SV2
S0
S1
1
2
3
4
5
6
Over
Voltage
Discharge
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
IC Supply Voltage
-0.3 to 25
V
VD+/VD-
USB Input Voltage
-0.3 to 7
V
VV1/VV2
Decoder Output Voltage
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
200
°C/W
ESD
ESD (Human Body Model)
4000
V
ESD (Machine Model)
150
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at thes
e or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com