Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4370 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP4370
Description  DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4370 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP4370 Datasheet HTML 1Page - Diodes Incorporated AP4370 Datasheet HTML 2Page - Diodes Incorporated AP4370 Datasheet HTML 3Page - Diodes Incorporated AP4370 Datasheet HTML 4Page - Diodes Incorporated AP4370 Datasheet HTML 5Page - Diodes Incorporated AP4370 Datasheet HTML 6Page - Diodes Incorporated AP4370 Datasheet HTML 7Page - Diodes Incorporated AP4370 Datasheet HTML 8Page - Diodes Incorporated AP4370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP4370
Document number: DS37242 Rev. 3 - 2
3 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP4370
Electrical Characteristics (VCC = 5V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
VCC Startup Threshold
–
3.4
3.8
4.2
V
VOPR(MIN)
VCC Minimal Operating Voltage
–
3.2
3.6
4.0
V
STANDBY CURRENT SECTION
ICC
Operating Current
–
–
80
120
μA
QUICK CHARGE PROTOCOL SECTION
VDAT_REF
Data Detect Voltage
–
0.25
0.325
0.40
V
VSEL_REF
Output Voltage Selection Reference
–
1.8
2.0
2.2
V
RDAT_LKG
Data Line Leakage Resistance
–
300
500
800
k
Ω
RDCP_DAT
D+ to D- Resistance during DCP Mode
D+ is supplied with 0.6V
–
20
40
Ω
RDM_DWM
D- Pull-down Resistance
–
14.25
19.53
24.80
k
Ω
tGLITCH_BC_DONE
D+ High Glitch Filter Time
–
1
1.25
1.5
s
tGLITCH_DM_LOW
D- Low Glitch Filter Time
Note 5
1
2.5
–
ms
tGLITCH_V_CHANGE
Output Voltage Glitch Filter Time
–
20
40
60
ms
tD+_D-_SHORT
D+ D- HVDCP Short Time
–
–
10
20
ms
CDCP_PWR
D+/- Equivalent Capacitance
Note 5
–
–
1
nF
VOTG_SESS_VLD
OTG Session Valid Voltage
–
0.8
–
4.0
V
OUTPUT SECTION
RV1_ON
V1 Switch Turn-on Resistance
–
–
15
25
Ω
RV2_ON
V2 Switch Turn-on Resistance
–
–
10
18
Ω
RV1/V2_OFF
V1/V2 Switch Turn-off Resistance
–
High-Z
–
OVER VOLTAGE DISCHARGE SECTION
VOVD5V
Over Voltage Discharge Trigger Point
for 5V Output
–
5.96
6.15
6.33
V
VOVD9V
Over Voltage Discharge Trigger Point
for 9V Output
–
10.58
10.91
11.24
V
kDIS
Ratio of Target Voltage for Discharge
Finish to OVD Trigger Point
–
–
0.9
–
–
IOVD
Over Voltage Discharge Current
–
63.8
75.0
86.3
mA
tOVD
Over Voltage Discharge Duration
–
–
120
–
ms
Note 5: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com