Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR343 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APR343
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR343 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APR343 Datasheet HTML 3Page - Diodes Incorporated APR343 Datasheet HTML 4Page - Diodes Incorporated APR343 Datasheet HTML 5Page - Diodes Incorporated APR343 Datasheet HTML 6Page - Diodes Incorporated APR343 Datasheet HTML 7Page - Diodes Incorporated APR343 Datasheet HTML 8Page - Diodes Incorporated APR343 Datasheet HTML 9Page - Diodes Incorporated APR343 Datasheet HTML 10Page - Diodes Incorporated APR343 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
APR343
Document number: DS36884 Rev. 4 - 2
7 of 12
www.diodes.com
December 2014
© Diodes Incorporated
APR343
A Product Line of
Diodes Incorporated
Output Voltage Detection Function Description
VDET
VCC V
ON
VTRIGGER
VOFF
tOSC
VOVP
VTRIGGER
IVCC
IDIS
UVLO
VDIS
VDIS
IOVP
tDIS
tDIS
tDIS
tDIS
tDIS
tDIS
tOSC
tOVP_LAST
Figure 1. Typical Waveforms 1 of APR343
When VCC is beyond power-on voltage (VON), the APR343 starts up. The VDET pin asserts a periodical pulse and the oscillation period is tOSC.
When VCC is beyond the trigger voltage (VTRIGGER), the periodical pulse at VDET pin is discontinued. When VCC is beyond the discharge voltage
(VDIS), the discharge circuit will be enabled, and a 3mA current (IDIS) will flow into VCC pin. When VCC is higher than the overshoot voltage (VOVP),
the APR343 will enable a discharge circuit, the discharge current (IOVP) will last tOVP_LAST time. After the tOVP_LAST time, APR343 will stop the
discharge current and detect VCC voltage again. If VCC is still higher than VOVP, the tOVP_LAST time discharge current will be enabled again. Once the
OVP discharge current is asserted, the periodical pulse at VDET pin will be disabled.
When the VCC is below the power-off voltage (VOFF), the APR343 will be shut down.
MOSFET Driver Operation Description
I,V
t
t
IS
VDET
VDRISR
VTHON
VTHOFF
0.1VDRISR
0.9VDRISR
0.1VDRISR
0.9VDRISR
tRG
tDON
tFG
tDOFF
0
0
Figure 2. Typical Waveforms 2 of APR343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com