Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR343 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APR343
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR343 Datasheet(HTML) 3 Page - Diodes Incorporated

  APR343 Datasheet HTML 1Page - Diodes Incorporated APR343 Datasheet HTML 2Page - Diodes Incorporated APR343 Datasheet HTML 3Page - Diodes Incorporated APR343 Datasheet HTML 4Page - Diodes Incorporated APR343 Datasheet HTML 5Page - Diodes Incorporated APR343 Datasheet HTML 6Page - Diodes Incorporated APR343 Datasheet HTML 7Page - Diodes Incorporated APR343 Datasheet HTML 8Page - Diodes Incorporated APR343 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
APR343
Document number: DS36884 Rev. 4 - 2
3 of 12
www.diodes.com
December 2014
© Diodes Incorporated
APR343
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 7.5
V
VDET
Voltage at VDET Pin
-2 to 50
V
VAREF, VDRISR
Voltage at AREF, DRISR Pin
-0.3 to 6
V
Output Current at VDET
Internally limited
A
PD
Power Dissipation at TA = +25ºC
0.6
W
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
Lead Temperature (Soldering, 10 sec)
+300
ºC
θJA
Thermal Resistance (Junction to Ambient)
197
ºC/W
θJC
Thermal Resistance (Junction to Case)
76
ºC/W
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
0
6
V
TA
Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com