Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34309C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR34309C
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34309C Datasheet(HTML) 1 Page - Diodes Incorporated

  APR34309C Datasheet HTML 1Page - Diodes Incorporated APR34309C Datasheet HTML 2Page - Diodes Incorporated APR34309C Datasheet HTML 3Page - Diodes Incorporated APR34309C Datasheet HTML 4Page - Diodes Incorporated APR34309C Datasheet HTML 5Page - Diodes Incorporated APR34309C Datasheet HTML 6Page - Diodes Incorporated APR34309C Datasheet HTML 7Page - Diodes Incorporated APR34309C Datasheet HTML 8Page - Diodes Incorporated APR34309C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
APR34309C
Document number: DS37492 Rev. 5 - 2
1 of 13
www.diodes.com
June 2015
© Diodes Incorporated
APR34309C
A Product Line of
Diodes Incorporated
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Description
APR34309C is a secondary side Combo IC, which combines an N-
Channel MOSFET and a driver circuit designed for synchronous
rectification (SR) in DCM operation. It also integrates output voltage
detect function for primary side control system.
The N-Channel MOSFET has been optimized for low gate charge,
low RDS(ON), fast switching speed and body diode reverse recovery
performance.
The synchronous rectification can effectively reduce the secondary
side rectifier power dissipation and provide high performance solution.
By sensing MOSFET drain-to-source voltage, APR34309C can output
ideal drive signal with less external components. It can provide high
performance solution for 5V output voltage application.
Same as AP4341, APR34309C detects the output voltage and
provides a periodical signal when the output voltage is lower than a
certain threshold. By fast response to secondary side voltage,
APR34309C can effectively improve the transient performance of
primary side control system.
The APR34309C is available in SO-8EP package.
Features
Synchronous Rectification for DCM Operation Flyback
Eliminate Resonant Ring Interference
Fast Detector of Supply Voltages
Fewest External Components
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
DRISR
VDET
AREF
VCC
DRAIN
GND
GND
GND
Note: The DRAIN pin of internal MOSFET is exposed PAD, which is at the bottom
of IC (the dashed box). The secondary current should flow from GND(pin 6,7,8) to
this exposed PAD.
SO-8EP
Applications
Adapters/Chargers for Cell/Cordless Phones, ADSL Modems, MP3
and Other Portable Apparatus
Standby and Auxiliary Power Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
+
C21
+
C22
APR34309C
R24
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
RAREF
C23
R21
C24
R23
GND
CAREF


Similar Part No. - APR34309C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR34309CA DIODES-APR34309CA Datasheet
501Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34309CAMPTRG1 DIODES-APR34309CAMPTRG1 Datasheet
501Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
More results

Similar Description - APR34309C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
logo
Diodes Incorporated
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150 DIODES-APR34150 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34309CA DIODES-APR34309CA Datasheet
501Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415B DIODES-APR3415B Datasheet
513Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR3415C DIODES-APR3415C Datasheet
542Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34509 DIODES-APR34509 Datasheet
412Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34330C DIODES-APR34330C Datasheet
795Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
July 2022
APR34709 DIODES-APR34709 Datasheet
752Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
June 2022
APR34309 DIODES-APR34309 Datasheet
520Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
June 2015 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com