Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34309C Datasheet(PDF) 10 Page - Diodes Incorporated

Part # APR34309C
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34309C Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button APR34309C Datasheet HTML 5Page - Diodes Incorporated APR34309C Datasheet HTML 6Page - Diodes Incorporated APR34309C Datasheet HTML 7Page - Diodes Incorporated APR34309C Datasheet HTML 8Page - Diodes Incorporated APR34309C Datasheet HTML 9Page - Diodes Incorporated APR34309C Datasheet HTML 10Page - Diodes Incorporated APR34309C Datasheet HTML 11Page - Diodes Incorporated APR34309C Datasheet HTML 12Page - Diodes Incorporated APR34309C Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
APR34309C
Document number: DS37492 Rev. 5 - 2
10 of 13
www.diodes.com
June 2015
© Diodes Incorporated
APR34309C
A Product Line of
Diodes Incorporated
Operation Description (Cont.)
To ensure system operating stable, it must be met:
tBODYDIODE<tONS*(1- tSAMPLE)
VFB
tSAMPLE
SR Operating
SR Turnoff,
Bodydiode operating
tBODYDIODE
tONS
Figure 4. SR Turning off Timing Impact on PSR CV Sampling
Recommended Application Circuit Parameters
The two resistors R23 and R24 are used to pass ESD test. The value of R23 and R24 should be over 20
Ω and below 47Ω respectively because of
the undershoot performance. The package of R23 and R24
should be at least 0805 and there isn’t any trace under these two resistors.
CAREF is suggested to parallel with AREF resistor to keep the volt-second product threshold stable. And the recommended value of CAREF is 100nF.
The recommended value of C24 is 100nF.
Ordering Information
APR34309C XX XX - XX
Packing
Package
TR : Tape & Reel
MP: SO-8EP
G1 : Green
Product Name
RoHS/Green
Package
Temperature Range
Part Number
Marking ID
Packing
SO-8EP
-40 to +85
C
APR34309CMPTR-G1
34309CMP-G1
4000/Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com