Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34309CMPTRG1 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # APR34309CMPTRG1
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34309CMPTRG1 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button APR34309CMPTRG1 Datasheet HTML 5Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 6Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 7Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 8Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 9Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 10Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 11Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 12Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
APR34309C
Document number: DS37492 Rev. 5 - 2
11 of 13
www.diodes.com
June 2015
© Diodes Incorporated
APR34309C
A Product Line of
Diodes Incorporated
Marking Information
(Top View)
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: SO-8EP
8°
5.800(0.228)
6.200(0.244)
1.270(0.050)
0.400(0.016)
3.800(0.150)
4.000(0.157)
0.510(0.020)
0.050(0.002)
0.150(0.006)
4.700(0.185)
1.270(0.050)
TYP
0°
0.250(0.010)
0.150(0.006)
1.350(0.053)
1.550(0.061)
2.110(0.083)
2.710(0.107)
5.100(0.201)
Note: Eject hole, oriented hole and mold mark is optional.
0.300(0.012)
First and Second Lines: Logo and Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.
34309C
MP-G1
YWWAXX
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com