Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34309CMPTRG1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APR34309CMPTRG1
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34309CMPTRG1 Datasheet(HTML) 4 Page - Diodes Incorporated

  APR34309CMPTRG1 Datasheet HTML 1Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 2Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 3Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 4Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 5Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 6Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 7Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 8Page - Diodes Incorporated APR34309CMPTRG1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
APR34309C
Document number: DS37492 Rev. 5 - 2
4 of 13
www.diodes.com
June 2015
© Diodes Incorporated
APR34309C
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VCC=5V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage ( VCC Pin )
ISTARTUP
Startup Current
VCC=VSTARTUP-0.1V
100
150
μA
IOP
Operating Current
VDET pin floating
VCC=VTRIGGER+20mV
40
100
150
μA
VSTARTUP
Startup Voltage
2.6
3.1
3.4
V
UVLO
2.3
2.8
3.1
V
Dynamic Output Section/Oscillator Section
VTRIGGER
Internal Trigger Voltage
5.1
5.15
5.2
V
Duty Cycle
4
15
18
%
tOSC
Oscillation Period
VCC=5V
18
30
37.5
μs
ITRIGGER
Internal Trigger Current
VCC=VTRIGGER, VCC/VDET pin is
separately connected to a 20
Ω
resistor
30
60
80
mA
tDIS
Minimum Period
18
30
37.5
ms
VDIS
Discharge Voltage
5.13
5.3
5.38
V
IDIS
Discharge Current
VCC=VDIS+0.1V
1.5
3
4.5
mA
VDIS-VTRIGGER
Trigger Discharger Gap
30
110
mV
VOVP
Overshoot Voltage for Discharge
5.64
5.74
5.84
V
IOVP
Overshoot Current for Discharge
VCC=VOVP+0.1V, VCC pin is
connected to a 20
Ω resistor
40
100
mA
Synchronous Voltage Detect
VTHON
Gate Turn-on Threshold
0
1
V
VTHOFF
Gate Turn-off Threshold
-13
-9
-5
mV
tDON
Turn-on Delay Time
From VTHON to VDRISR=1V
70
130
ns
tDOFF
Turn-off Propagation Delay Time
From VTHOFF to VDRISR=3V
100
150
ns
tRG
Gate Turn-on Rising Time
From 1V to 3V, CL=4.7nF
50
100
ns
tFG
Gate Turn-off Falling Time
From 3V to 1V, CL=4.7nF
50
100
ns
tLEB_S
Minimum On Time
(VDET-VCC)*tONP = 25Vµs
0.9
1.8
2.7
μs
tLEB_L
(VDET-VCC)*tONP = 50Vµs
6.5
VDRISR_HIGH
Drive Output Voltage
VCC=5V
3.7
V
VS_MIN
SR Minimum Operating Voltage
(Note 6)
4.5
V
tOVP_LAST
Added OVP Discharge Time
2.0
ms
Kqs
(Note 7)
(VDET-VCC)*tONP = 25Vµs
0.325
0.515
mA*
μs
Notes:
6. This item specifies the minimum SR operating voltage of VIN_DC, VIN_DC≥NPS*VS_MIN.
7. This item is used to specify the value of RAREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com