Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFR
Description  Low-Power, Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103CYFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP103CYFFR Datasheet HTML 7Page - Texas Instruments TMP103CYFFR Datasheet HTML 8Page - Texas Instruments TMP103CYFFR Datasheet HTML 9Page - Texas Instruments TMP103CYFFR Datasheet HTML 10Page - Texas Instruments TMP103CYFFR Datasheet HTML 11Page - Texas Instruments TMP103CYFFR Datasheet HTML 12Page - Texas Instruments TMP103CYFFR Datasheet HTML 13Page - Texas Instruments TMP103CYFFR Datasheet HTML 14Page - Texas Instruments TMP103CYFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TMP103
www.ti.com
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
7.3 Feature Description
The TMP103 is a 1°C resolution digital output temperature sensor offered in a four-ball wafer chip-scale package
(WCSP). The TMP103 features a two-wire interface that is compatible with both I2C and SMBus interfaces.
The serial interface supports multiple device access (MDA) commands that allow the master to communicate
with multiple devices on the bus simultaneously, eliminating the need to send individual commands to each
TMP103 device on the bus. Up to eight TMP103 devices can be tied together in parallel and easily read by the
host.
The TMP103 is an ideal choice for space-constrained and power-sensitive applications with multiple temperature
measurement zones to be monitored.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
Shutdown mode saves maximum power by shutting down all device circuitry other than the serial interface,
reducing current consumption to typically less than 0.5
μA. For details on how to enter shutdown mode, see
Shutdown Mode (M1 = 0, M0 = 0) in Programming.
7.4.2 One-Shot Mode
The TMP103 features a One-Shot Temperature Measurement mode. When the device is in Shutdown mode, the
device can be instructed to complete a one-time temperature measurement before returning to the shutdown
state. This feature is useful for reducing power consumption in the TMP103 when continuous temperature
monitoring is not required.
As a result of the short conversion time, the TMP103 can achieve a higher conversion rate. A single conversion
typically takes 26 ms and a read can take place in less than 20
μs. When using One-Shot mode, 30 or more
conversions per second are possible.
For details on how to enter One-Shot mode, see One-Shot (M1 = 0, M0 = 1) in Programming.
7.4.3 Continuous Conversion Mode
In Continuous Conversion mode, the TMP103 performs temperature conversion at a rate determined by the
conversion rate bits (CR1 and CR0) set in the configuration register. Because the actual temperature conversion
takes only 26 mS, the TMP103 powers down in between conversions and waits for the appropriate delay. For
details on how to enter One-Shot mode, see Continuous Conversion Mode (M1 = 1) and Conversion Rate in
Programming.
7.5 Programming
7.5.1 Temperature Watchdog Function
The TMP103 contains a watchdog function that monitors device temperature and compares the result to the
values stored in the temperature limit registers (THIGH and TLOW) to determine if the device temperature is within
these set limits. If the temperature of the TMP103 becomes greater than the value in the THIGH register, then the
flag-high bit (FH) in the configuration register is set to 1. If the temperature falls below the value in the TLOW
register, then the flag-low bit (FL) is set to 1. If both flag bits remain 0, then the temperature is within the
temperature window set by the temperature limit registers, as shown in Figure 12.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com