Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFR
Description  Low-Power, Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103CYFFR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP103CYFFR Datasheet HTML 8Page - Texas Instruments TMP103CYFFR Datasheet HTML 9Page - Texas Instruments TMP103CYFFR Datasheet HTML 10Page - Texas Instruments TMP103CYFFR Datasheet HTML 11Page - Texas Instruments TMP103CYFFR Datasheet HTML 12Page - Texas Instruments TMP103CYFFR Datasheet HTML 13Page - Texas Instruments TMP103CYFFR Datasheet HTML 14Page - Texas Instruments TMP103CYFFR Datasheet HTML 15Page - Texas Instruments TMP103CYFFR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Measured
Temperature
T
HIGH
T
LOW
FHBit
(TransparentMode)
Read
Read
Time
Read
FLBit
(TransparentMode)
FHBit
(LatchMode)
FLBit
(LatchMode)
TMP103
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
Programming (continued)
Figure 12. Temperature Flag Functional Diagram
The latch bit (LC) in the configuration register is used to latch the value of the flag bits (FH and FL) until the
master issues a read command to the configuration register. The flag bits are set to 0 if a read command is
received by the TMP103, or if LC = 0 and the temperature is within the temperature limits. The power-on default
values for these bits are FH = 0, FL = 0, and LC = 0.
7.5.2 Conversion Rate
The conversion rate bits, CR1 and CR0 located in the Configuration Register, configure the TMP103 for
conversion rates of 8 Hz, 4 Hz, 1 Hz, or 0.25 Hz (default). The TMP103 has a typical conversion time of 26 ms.
To achieve different conversion rates, the TMP103 performs a single conversion and then powers down and
waits for the appropriate delay set by CR1 and CR0. Table 1 lists the settings for CR1 and CR0.
Table 1. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
0
0
0.25 Hz (default)
0
1
1 Hz
1
0
4 Hz
1
1
8 Hz
12
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com