Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC86F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC86F
Description  Quad 2-Input Exclusive-OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC86F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC86F Datasheet HTML 1Page - National Semiconductor (TI) 54AC86F Datasheet HTML 2Page - National Semiconductor (TI) 54AC86F Datasheet HTML 3Page - National Semiconductor (TI) 54AC86F Datasheet HTML 4Page - National Semiconductor (TI) 54AC86F Datasheet HTML 5Page - National Semiconductor (TI) 54AC86F Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC86
Quad 2-Input Exclusive-OR Gate
General Description
The ’AC86 contains four, 2-input exclusive-OR gates.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n Standard Military Drawing (SMD)
— ’AC86: 5962-89550
Logic Symbol
Pin Names
Description
A
0–A3
Inputs
B
0–B3
Inputs
O
0–O3
Outputs
Connection Diagrams
FACT™ is a trademark of Fairchild Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS100255-3
Pin Assignment
for DIP and Flatpak
DS100255-2
Pin Assignment
for LCC
DS100255-1
September 1998
© 1998 National Semiconductor Corporation
DS100255
www.national.com


Similar Part No. - 54AC86F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC821 NSC-54AC821 Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54AC821F NSC-54AC821F Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54AC821L NSC-54AC821L Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
54AC821SD NSC-54AC821SD Datasheet
163Kb / 8P
10-Bit D Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 54AC86F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com