Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS170W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS170W
Description  Silicon Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS170W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS170W Datasheet HTML 1Page - Infineon Technologies AG BAS170W Datasheet HTML 2Page - Infineon Technologies AG BAS170W Datasheet HTML 3Page - Infineon Technologies AG BAS170W Datasheet HTML 4Page - Infineon Technologies AG BAS170W Datasheet HTML 5Page - Infineon Technologies AG BAS170W Datasheet HTML 6Page - Infineon Technologies AG BAS170W Datasheet HTML 7Page - Infineon Technologies AG BAS170W Datasheet HTML 8Page - Infineon Technologies AG BAS170W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Feb-03-2003
1
BAS70... / BAS170W
Silicon Schottky Diode
 General-purpose diode for high-speed switching
 Circuit protection
 Voltage clamping
 High-level detecting and mixing
BAS170W
BAS70-02L
BAS70-02W
BAS70-05
BAS70-05W
BAS70
BAS70-04S
BAS70-04
BAS70-04T
BAS70-04W
1
2
3
1
D2
2
D1
1
D1
23
4
5
6
D2
D3
D4
3
12
3
1
D2
2
D1
BAS70-06
BAS70-06W
BAS70-07
BAS70-07W
3
1
D2
2
D1
1
D2
2
3
4
D1
Type
Package
Configuration
LS(nH) Marking
BAS170W
BAS70
BAS70-02L*
BAS70-02W
BAS70-04
BAS70-04S
BAS70-04T
BAS70-04W
BAS70-05
BAS70-05W
BAS70-06
BAS70-06W
BAS70-07
BAS70-07W
SOD323
SOT23
TSLP-2-1
SCD80
SOT23
SOT363
SC75
SOT323
SOT23
SOT323
SOT23
SOT323
SOT143
SOT343
single
single
single, leadless
single
series
dual series
series
series
common cathode
common cathode
common anode
common anode
parallel pair
parallel pair
1.8
1.8
0.4
0.6
1.8
1.6
1.6
1.4
1.8
1.4
1.8
1.4
2
1.8
7
73s
F
73
74s
74s
74s
74s
75s
75s
76s
76s
77s
77s
* Preliminary


Similar Part No. - BAS170W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Infineon Technologies A...
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAS170W INFINEON-BAS170W Datasheet
271Kb / 23P
Silicon Schottky Diode
2007-09-19
BAS170W INFINEON-BAS170W Datasheet
1Mb / 24P
Silicon Schottky Diode
2014-02-13
BAS170W INFINEON-BAS170W Datasheet
289Kb / 23P
Silicon Schottky Diode
2006-01-19
More results

Similar Description - BAS170W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com