Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS140W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS140W
Description  Silicon Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS140W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS140W Datasheet HTML 1Page - Infineon Technologies AG BAS140W Datasheet HTML 2Page - Infineon Technologies AG BAS140W Datasheet HTML 3Page - Infineon Technologies AG BAS140W Datasheet HTML 4Page - Infineon Technologies AG BAS140W Datasheet HTML 5Page - Infineon Technologies AG BAS140W Datasheet HTML 6Page - Infineon Technologies AG BAS140W Datasheet HTML 7Page - Infineon Technologies AG BAS140W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Jan-16-2004
1
BAS40.../BAS140W
Silicon Schottky Diode
• General-purpose diode for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
BAS140W
BAS40-02L
BAS40-06
BAS40-06W
BAS40
BAS40-05
BAS40-05W
BAS40-04
1
2
3
1
D 2
2
D 1
3
1
D 2
2
D 1
3
1
2
3
1
D 2
2
D 1
BAS40-07
BAS40-07W
1
D 2
2
3
4
D 1
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAS140W
BAS40
BAS40-02L*
BAS40-04
BAS40-05
BAS40-05W
BAS40-06
BAS40-06W
BAS40-07
BAS40-07W
SOD323
SOT23
TSLP-2-1
SOT23
SOT23
SOT323
SOT23
SOT323
SOT143
SOT343
single
single
single, leadless
series
common cathode
common cathode
common anode
common anode
parallel pair
parallel pair
1.8
1.8
0.4
1.8
1.8
1.4
1.8
1.4
2
1.8
white 4
43s
FF
44s
45s
45s
46s
46s
47s
47s
*Preliminary


Similar Part No. - BAS140W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
logo
Infineon Technologies A...
BAS140W INFINEON-BAS140W Datasheet
170Kb / 15P
Silicon Schottky Diode
2007-04-19
BAS140W INFINEON-BAS140W Datasheet
990Kb / 15P
General-purpose diode for high-speed switching
2013-01-11
logo
Guangdong Kexin Industr...
BAS140WS KEXIN-BAS140WS Datasheet
34Kb / 1P
SILICON SWICHING DIODE
More results

Similar Description - BAS140W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
Silicon Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com