Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS170 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS170
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS170 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS170 Datasheet HTML 1Page - Infineon Technologies AG BAS170 Datasheet HTML 2Page - Infineon Technologies AG BAS170 Datasheet HTML 3Page - Infineon Technologies AG BAS170 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug-06-2001
3
BAS170W
Diode capacitance CT =
 (VR)
f
= 1MHz
0
0.0
EHB00044
C
V
R
T
20
40
60
V
80
0.5
1.0
1.5
pF
2.0
BAS 70W/BAS 170W
Differential forward resistance rf =
 (IF)
f
= 10 kHz
0.1
10
EHB00045
r
Ι
f
1
10
mA
100
F
0
1
10
2
10
3
10
Ω
BAS 70W/BAS 170W
Reverse current IR =
(VR)
TA = Parameter
0
EHB00043
Ι
V
R
R
10 -1
-3
10
0
10
1
10
2
10
A
10 -2
20
40
60
V
80
TA = 150 C
85 C
25 C
µ
BAS 70W/BAS 170W
Forward current IF =  (TS)
0
20
40
60
80
100
120 °C
150
TS
0
10
20
30
40
50
60
70
80
mA
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com