Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS170 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS170
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS170 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS170 Datasheet HTML 1Page - Infineon Technologies AG BAS170 Datasheet HTML 2Page - Infineon Technologies AG BAS170 Datasheet HTML 3Page - Infineon Technologies AG BAS170 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug-06-2001
1
BAS170W
VPS05176
1
2
Silicon Schottky Diode
 General-purpose diode for high-speed switching
 Circuit protection
 Voltage clamping
 High-level detection and mixing
Type
Marking
Pin Configuration
Package
BAS170W
7
1 = C
2 = A
-
SOD323
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
70
V
Forward current
IF
70
mA
Surge forward current, t
10 ms
IFSM
100
Total power dissipation
TS = 97 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
190
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAS170

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS170 SIEMENS-BAS170 Datasheet
96Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Infineon Technologies A...
BAS170W INFINEON-BAS170W Datasheet
553Kb / 12P
Silicon Schottky Diode
Feb-03-2003
BAS170W INFINEON-BAS170W Datasheet
271Kb / 23P
Silicon Schottky Diode
2007-09-19
BAS170W INFINEON-BAS170W Datasheet
1Mb / 24P
Silicon Schottky Diode
2014-02-13
More results

Similar Description - BAS170

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
Silicon Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com