Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH5773 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AH5773
Description  SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5773 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AH5773 Datasheet HTML 7Page - Diodes Incorporated AH5773 Datasheet HTML 8Page - Diodes Incorporated AH5773 Datasheet HTML 9Page - Diodes Incorporated AH5773 Datasheet HTML 10Page - Diodes Incorporated AH5773 Datasheet HTML 11Page - Diodes Incorporated AH5773 Datasheet HTML 12Page - Diodes Incorporated AH5773 Datasheet HTML 13Page - Diodes Incorporated AH5773 Datasheet HTML 14Page - Diodes Incorporated AH5773 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AH5773
Document number: DS35444 Rev. 2 - 2
11 of 17
www.diodes.com
January 2015
© Diodes Incorporated
AH5773
Thermal Performance
MSOP-8EP Power Dissipation De-rating Curve 1 (Note 22)
TA (C)
-40
0
25
50
60
70
80
85
90
95
100
105
110
120
125
130
140
150
PD (mW) 2,180 2,180 2,180 1,744 1,570 1,395 1,221 1,134 1,046
959
872
785
698
523
436
349
174
0
Note 22:
MSOP-8EP exposed pad soldered to minimum recommended landing pads (see Package Outline Dimension section) on a 2in x 2in two-layer 2oz copper
FR4 PCB (1.6mm thickness) with four thermal vias in the exposed PAD to the copper flood on the bottom layer.
MSOP-8EP Power Dissipation De-rating Curve 2 (Note 23)
TA (C)
-40
0
25
50
60
70
80
85
90
95
100
105
110
120
125
130
140
150
PD (mW)
710
710
710
568
511
454
398
369
341
312
284
256
227
170
142
114
57
0
Note 23:
MSOP-8EP exposed pad soldered to minimum recommended landing pads (see Package Outline Dimension section) on a 1in x1in 2oz copper FR4
PCB (1.6mm thickness) with no thermal vias in the exposed PAD or any copper flood connecting to the landing pattern or on the bottom layer.
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
-40
-20
0
20
40
60
80
100
120
140
160
Temperature ( C)
MSOP8-EP Thermal Derating Curve
Rthja = 57.5 oC/W
0
100
200
300
400
500
600
700
800
-40
-20
0
20
40
60
80
100
120
140
160
Temperature ( C)
MSOP8-EP Thermal Derating Curve
Rthja = 176.2 oC/W
MSOP-8EP Thermal Derating Curve
MSOP-8EP Thermal Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com