Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH5773 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AH5773
Description  SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5773 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AH5773 Datasheet HTML 9Page - Diodes Incorporated AH5773 Datasheet HTML 10Page - Diodes Incorporated AH5773 Datasheet HTML 11Page - Diodes Incorporated AH5773 Datasheet HTML 12Page - Diodes Incorporated AH5773 Datasheet HTML 13Page - Diodes Incorporated AH5773 Datasheet HTML 14Page - Diodes Incorporated AH5773 Datasheet HTML 15Page - Diodes Incorporated AH5773 Datasheet HTML 16Page - Diodes Incorporated AH5773 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AH5773
Document number: DS35444 Rev. 2 - 2
13 of 17
www.diodes.com
January 2015
© Diodes Incorporated
AH5773
Ordering Information
AH5773 - XXX - X
Packing
Package
7 : 7" Tape & Reel
MP : MSOP-8EP
FDC : U-DFN2020C-6
13 : 13" Tape & Reel
Part Number
Package Code
Packaging
13
” Tape and Reel
Quantity
Part Number Suffix
AH5773-MP-13
MP
MSOP-8EP
2,500/Tape & Reel
-13
AH5773-FDC-7
FDC
U-DFN2020-6
3,000/Tape & Reel
-7
Marking Information
(1)
Package Type: MSOP-8EP
(2)
Package Type: U-DFN2020-6
( Top View )
XX
Y : Year : 0~9
X : Internal Code
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Y W X
Part Number
Package
Identification Code
AH5773-FDC-7
U-DFN2020-6
KH
AH5773
( Top View )
Y W X E
Part Number
Logo
Y : Year : 0~9
8
7
6
5
1
2
3
4
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
MSOP -8 EP
X : Internal code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com