Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1696 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated AL1696 Datasheet HTML 10Page - Diodes Incorporated AL1696 Datasheet HTML 11Page - Diodes Incorporated AL1696 Datasheet HTML 12Page - Diodes Incorporated AL1696 Datasheet HTML 13Page - Diodes Incorporated AL1696 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
11 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Ordering Information
20 : 2.0A
30 : 3.0A
AL1696–XX X XX–13
MOSFET Voltage
Current Option
A: 300V
B: 500V
C: 600V
S7 : SO-7
Package
Packing
13 :13" Tape & Reel
Part Number
Package Code
Package
13
” Tape and Reel
Quantity
Part Number Suffix
AL1696-30AS7-13
S7
SO-7
4000/Tape & Reel
-13
AL1696-20BS7-13
S7
SO-7
4000/Tape & Reel
-13
AL1696-20CS7-13
S7
SO-7
4000/Tape & Reel
-13
Marking Information
1696 - ZZZ
(Top View)
YY WW X X
Part Number
1696-30A for 3.0A/300V
1696-20B for 2.0A/500V
1696-20C for 2.0A/600V
Logo
WW : Week : 01~52; 52
YY : Year : 15,16,17 ~
X X : Internal Code
7
6
5
1
2
3
4
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com