Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1696 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1696 Datasheet HTML 1Page - Diodes Incorporated AL1696 Datasheet HTML 2Page - Diodes Incorporated AL1696 Datasheet HTML 3Page - Diodes Incorporated AL1696 Datasheet HTML 4Page - Diodes Incorporated AL1696 Datasheet HTML 5Page - Diodes Incorporated AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
2 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Typical Applications Circuit
R1
C1
R3
C4
R6
R5
C2
D2
R4
R2
L1
AC
Input
FR1
DB1
NC
RT
GND
CS
NC
VCC
D
1
2
3
4
7
6
5
C5
D1
L2
R7
LEDS
C3
Buck-Boost Application Circuit
R1
C1
R3
C4
R6
R5
C2
D2
R4
R2
L1
AC
Input
FR1
DB1
NC
RT
GND
CS
NC
VCC
D
1
2
3
4
7
6
5
C5
D1
L2
R7
LEDS
C3
Buck Application Circuit
Pin Descriptions
Pin Number
Pin Name
Function
1, 2
NC
No connection
3
CS
Current sensing
4
GND
Ground
5
RT
Resistor set the system
’s maximum tON
6
VCC
Power supply voltage
7
D
Drain of the internal high voltage MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com