Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6562 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL6562
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL6562 Datasheet HTML 7Page - Diodes Incorporated AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated AL6562 Datasheet HTML 10Page - Diodes Incorporated AL6562 Datasheet HTML 11Page - Diodes Incorporated AL6562 Datasheet HTML 12Page - Diodes Incorporated AL6562 Datasheet HTML 13Page - Diodes Incorporated AL6562 Datasheet HTML 14Page - Diodes Incorporated AL6562 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
11 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Application Information (cont.)
On the other hand, when the loading of PFC pre-regulator becomes low, the output voltage tends to stay steadily above the nominal value,
which is not the case when OVP is triggered by abrupt voltage increase. If this occurs, the E/A will saturate low, the external power transistor
is switched OFF, and the IC is put in idle state (static OVP). Normal operation is resumed as the error amplifier goes back into its linear region.
As a result, the device will work in burst-mode, with a repetition rate that can be very low. When either OVP is activated, the quiescent
consumption of the IC is reduced to minimum by the discharge of the capacitor and increases the hold-up capability of the IC supply.
THD (Total Harmonics Distortion)
The AL6562 reduces the THD by reducing conduction dead-angle occurring to the AC input current near the zero-crossings of the line voltage.
The important reason for this distortion to take place is the inability of the system to transfer energy effectively when the instantaneous line
voltage is very low, which is the case near line-voltage zero-crossing. This effect is magnified by the high-frequency filter capacitor placed after
the bridge rectifier, which retains some residual voltage that causes the diodes of the bridge rectifier to be reverse-biased and the input current
flow to temporarily stop.
To overcome this issue, the circuit section designed in the AL6562 forces the PFC regulator to process more energy near the line voltage
zero-crossings, as compared to that commanded by the control loop. This results in both minimizing the time interval when energy transfer is
lacking, and fully discharging the high-frequency filter capacitor after the bridge.
In essence, the circuit artificially increases the ON-Time of the Power Switch with a positive offset added to the output of the multiplier in the
proximity of the line voltage zero-crossings. This offset is reduced as the instantaneous line voltage increases, so that it becomes negligible as
the line voltage moves towards the peak of the sinusoidal waveform.
Therefore, to maximize the benefit from the THD improvement circuit, the high-frequency filter capacitor after the bridge rectifier should be
minimized and kept to satisfy the EMI filtering requirements.
Non-Latched IC Disable (Enable)
Pin 1, INV, inverting input to the error amplifier, can be adapted to disable the system when the voltage on this pin is below 0.2V. In order to
restart the system, a voltage exceeding 0.45V must be applied. The ON/OFF control signal can be driven by a PWM controller and using an
NPN transistor to pin 1 to shut it down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com